Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2005 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2005
Description  500mA Low-Current LDO Linear Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2005 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2005 Datasheet HTML 1Page - Monolithic Power Systems MP2005 Datasheet HTML 2Page - Monolithic Power Systems MP2005 Datasheet HTML 3Page - Monolithic Power Systems MP2005 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV2005DD-01B
500mA Low-Current
LDO Linear Regulator EV Board
EV2005DD-01B Rev. 1.1
www.MonolithicPower.com
1
10/18/2016
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV2005DD-01B
evaluation
board
demonstrates the performance of MP2005, a
monolithic low-current, low-dropout LDO linear
regulator. It operates from a 2.5V to 5V input
bias voltage and regulates the output voltage
from as low as 0.5V.
The EVB can supply up to 500mA of load
current with a typical dropout voltage of 75mV.
It requires a bias supply (2.5V to 5.5V) separate
from VIN to run the internal reference and LDO
drive circuitry. The output current comes
directly from the input voltage supply for high
efficiency
regulation.
The
0.5V
internal
reference voltage allows the output to be
programmed to a range of 0.5V to 5V.
The EV2005DD-01B provides thermal overload
and current limit protection, stability with ultra
low ESR ceramic capacitors, and fast transient
response. The MP2005 is available in a 8-pin
QFN (2mm x 3mm) package and is also
available in fixed output voltage versions.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
1.0 – 5
V
Blas Voltage
VB
5
V
Output Current
IOUT
0.5
A
Output Voltage
VOUT
1.8
V
FEATURES
 Wide 1.0V to 5V Input Voltage Range
 Stable with Very Small Ceramic Capacitors
 75mV Dropout at 500mA Output
 2% Accurate Output Voltage
 Adjustable Output Range from 0.5V to 5V
 Low Noise: 80µVRMS (10Hz to 100kHz)
 High PSRR: 40dB at 1MHz
 Stable With Low-ESR Output Capacitors
 Low 100μA Ground Current
 Internal Thermal Protection
 Current Limit Protection
 Fully Assembled and Tested
APPLICATIONS
 Low Current Regulators
 Low Power Handheld Devices
 Battery Powered Systems
 Cellular Phones
 Portable Electronic Equipment
 Post Regulation for Switching Power
Supplies
 Power Supplies
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV2005DD-01B EVALUATION BOARD
L x W x H) 2.9” x 2.9” x 0.5”
(7.5cm x 7.5cm x 1.2cm)
Board Number
MPS IC Number
EV2005DD-01B
MP2005
120


Similar Part No. - MP2005

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
MP2005 MPS-MP2005 Datasheet
158Kb / 4P
800mA Low-Current LDO Linear Regulator EV Board
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
MP20051DN MPS-MP20051DN Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
MP20051DN MPS-MP20051DN Datasheet
181Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
More results

Similar Description - MP2005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
500mA LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
500mA CMOS LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
500mA Super LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902D MAXIM-MAX38902D Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
logo
Monolithic Power System...
EV2005DD-00A MPS-EV2005DD-00A Datasheet
158Kb / 4P
800mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com