Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3331 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3331
Description  Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3331 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3331 Datasheet HTML 17Page - Linear Technology LTC3331 Datasheet HTML 18Page - Linear Technology LTC3331 Datasheet HTML 19Page - Linear Technology LTC3331 Datasheet HTML 20Page - Linear Technology LTC3331 Datasheet HTML 21Page - Linear Technology LTC3331 Datasheet HTML 22Page - Linear Technology LTC3331 Datasheet HTML 23Page - Linear Technology LTC3331 Datasheet HTML 24Page - Linear Technology LTC3331 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTC3331
21
3331fc
For more information www.linear.com/LTC3331
APPLICATIONS INFORMATION
The LTC3331 allows for energy harvesting from a variety
of alternative energy sources in order to power a wireless
sensor system and charge a battery. The extremely low
quiescent current of the LTC3331 facilitates harvesting
from sources generating only microamps of current. The
onboard bridge rectifier is suitable for AC piezoelectric
or electromagnetic sources as well as providing reverse
protectionforDCsourcessuchassolarandthermoelectric
generators. The LTC3331 powers the VOUT output con-
tinuously by seamlessly switching between the energy
harvesting and battery inputs.
When harvestable energy is available, it is transferred
throughthebridgerectifierwhereitaccumulatesontheVIN
capacitor. A low quiescent current UVLO mode allows the
voltageonthecapacitortoincreasetowardsaprogrammed
UVLOrisingthreshold.Whenthevoltagerisestothislevel,
the buck converter turns on and transfers energy to VOUT.
As energy is transferred the voltage at VIN may decrease
to the UVLO falling threshold. If this happens, the buck
converter turns off and the buck-boost then turns on to
service the load from the battery input while more energy
is harvested. When the buck is running the quiescent cur-
rent on the BB_IN pin drops to the 200nA required by the
shunt battery charger.
The LTC3331 is well suited to wireless systems which
consume low average power but occasionally need a
higherconcentratedburstofpowertoaccomplishatask.If
these bursts occur with a low duty cycle such that the total
energy needed for a burst can be accumulated between
bursts then the output can be maintained entirely by the
harvester. If the bursts need to happen more frequently or
if harvestable energy goes away the battery will be used. If
enough energy is available the energy harvester will bring
the output up and enter the low quiescent current sleep
state and excess energy can be used to charge the battery.
Piezo Energy Harvesting
Ambient vibrational energy can be harvested with a
piezoelectric transducer which produces a voltage and
current in response to strain. Common piezoelectric
elements are PZT (lead zirconate titanate) ceramics, PVDF
(polyvinylidene fluoride) polymers, or other composites.
Ceramicpiezoelectricelementsexhibitapiezoelectriceffect
when the crystal structure of the ceramic is compressed
andinternaldipolemovementproducesavoltage.Polymer
elements comprised of long-chain molecules produce
a voltage when flexed as molecules repel each other.
Ceramics are often used under direct pressure while a
polymer is commonly used as a cantilevered beam.
A wide range of piezoelectric elements are available and
produceavarietyofopen-circuitvoltagesandshort-circuit
currents.Typicallytheopen-circuitvoltageandshort-circuit
currentsincreasewithavailablevibrationalenergyasshown
in Figure 3. Piezoelectric elements can be placed in series
or in parallel to achieve desired open-circuit voltages.
Piezos produce the most power when they operate at
approximately half the open circuit voltage for a given
vibration level. The UVLO window can be programmed to
straddle this voltage so that the piezo operates near the
peak power point. In addition to the normal configuration
of connecting the piezo across the AC1 and AC2 inputs, a
piezo can be connected from either AC1 or AC2 to ground.
The resulting configuration is a voltage doubler as seen
in Figure 4 where the intrinsic capacitance of the piezo is
used as the doubling capacitor.
Figure 3. Typical Piezoelectric Load Lines for Piezo Systems
T220-A4-503X
PIEZO CURRENT (µA)
0
12
9
6
3
0
20
10
3331 F03
30
INCREASING
VIBRATION ENERGY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com