Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12491 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12491
Description  ~145째 wide diffused beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12491 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12491 Datasheet HTML 1Page - Ledil, Inc. C12491 Datasheet HTML 2Page - Ledil, Inc. C12491 Datasheet HTML 3Page - Ledil, Inc. C12491 Datasheet HTML 4Page - Ledil, Inc. C12491 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C12491_SIRI-DIFF
SIRI-DIFF
~145° wide diffused beam
TECHNICAL SPECIFICATIONS:
Dimensions
13.9 + 13.9 mm
Height
4.9 mm
Fastening
glue, pin
Colour
clear
Box size
300 x 260 x 260 mm
Box weight
3.2 kg
Quantity in Box
4560 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
SIRI-DIFF
Lens
PMMA
clear
Last update: 16/03/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C12491

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12491 CREE-C12491 Datasheet
257Kb / 5P
Siri Series
More results

Similar Description - C12491

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12490 LEDIL-C12490_18 Datasheet
1Mb / 5P
~145째 wide beam
F16860 LEDIL-F16860 Datasheet
3Mb / 6P
~145째 100째 extra wide beam for uplighting
DAISY-4X1-WW-D LEDIL-DAISY-4X1-WW-D Datasheet
12Mb / 8P
~80째 wide beam. Variant with diffused lenses
DAISY-7X1-W-D LEDIL-DAISY-7X1-W-D Datasheet
13Mb / 9P
~50째 wide beam. Variant with diffused lenses
DAISY-7X1-WW-D LEDIL-DAISY-7X1-WW-D Datasheet
9Mb / 9P
~80째 wide beam. Variant with diffused lenses.
DAISY-8X1-W-MATT-D LEDIL-DAISY-8X1-W-MATT-D Datasheet
4Mb / 5P
~50째 wide beam. Variant with diffused lenses.
DAISY-8X1-WW-MATT-D LEDIL-DAISY-8X1-WW-MATT-D Datasheet
4Mb / 5P
~80째 wide beam. Variant with diffused lenses
DAISY-MINI-WW-D LEDIL-DAISY-MINI-WW-D Datasheet
333Kb / 4P
~65째 wide beam. Variant with diffused lenses
CA13013 LEDIL-CA13013 Datasheet
2Mb / 7P
~145째 wide beam
CA13014 LEDIL-CA13014 Datasheet
1Mb / 6P
~145째 wide diffused beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com