Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5576 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5576
Description  3GHz to 8GHz High Linearity Active Upconverting Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5576 Datasheet(HTML) 2 Page - Linear Technology

  LTC5576 Datasheet HTML 1Page - Linear Technology LTC5576 Datasheet HTML 2Page - Linear Technology LTC5576 Datasheet HTML 3Page - Linear Technology LTC5576 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
dc2322afa
DEMO MANUAL DC2322A
1. Connect all test equipment as shown in Figure 1.
2. Set the power supply output voltage to 5V, and set the
current limit to 150mA.
3. Connect the ground and VCC turrets to the power sup-
ply. BE SURE TO CONNECT THE VCC TURRET BEFORE
THE EN TURRET TO ENSURE THAT THE PART DOES
NOT GET DAMAGED. ALSO, REMOVE POWER FROM
EN TURRET BEFORE REMOVING POWER FROM THE
VCC TURRET.
4. Connect the EN turret to the power supply.
Quick stArt proceDure
notes on test eQuipMent AnD setup
n
High performance signal generators with low harmonic
outputs should be used for 2-tone measurements. Oth-
erwise, low-pass filters at the signal generator outputs
should be used to suppress harmonics.
n
High quality combiners should be used to present a
broadband 50Ω termination on all ports as well as provide
goodport-to-portisolation.Addingattenuatorpadsfurther
improves source isolation and helps prevent the signal
generators from producing intermodulation products.
n
Spectrum analyzers can produce significant internal
distortion products if they are overdriven. Generally,
spectrum analyzers are designed to operate at their
best with about –30dBm to –40dBm at their input. The
spectrumanalyzer’sinputattenuationsettingshouldbe
used to avoid saturating the instrument.
n
Setthespectrumanalyzer’sinputattenuationdepending
on the spectrum analyzer used.
n
Before performing measurements on the DUT, the
system performance should be evaluated to ensure that
a clean input signal is obtained and that the spectrum
analyzer’s internal distortion is minimized.
5. Set the LO signal generator to provide a 4900MHz CW
signal at about 0dBm to the demo board’s LO port.
6. Set the RF signal generators to provide one 899MHz CW
signal and one 901MHz CW signal. The signals should be
appliedtothe2-waycombiner.Theoutputofthecombiner
should be applied to the demo board’s IN port. The two
tonesshouldbesetto–10dBmeachatthemixer’sINport.
7. Setthespectrumanalyzer’scenterfrequencyto5.8GHz.
8. Perform various measurements (Conversion Gain,
OIP3, LO leakage, etc.)
pArts list
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
1
2
C1, C2
CAP., 1000pF, C0G, 50V, 5%, 0402
MURATA, GRM1555C1H102JA01
2
0
C3
DNI, 0402
3
1
C4
CAP., 100pF, C0G, 50V, 5%, 0402
MURATA, GRM1555C1H101JA01
4
1
C5
CAP., 0.3pF, C0G, 50V, ±0.05pF, 0402
AVX, 04021J0R3ZBS
5
1
C6
CAP., 0.2pF, C0G, 50V, ±0.05pF, 0402
AVX, 04021J0R2ZBS
6
1
C7
CAP., 0.01μF, X7R, 50V, 10%, 0402
MURATA, GRM155R71H103KA88
7
1
C8
CAP., 1μF, X7R,10V,10%, 0603
MURATA, GRM188R71A105KA61
8
4
E1-E4
TEST POINT, TURRET, .064 MTG. HOLE
MILL-MAX,2308-2-00-80-00-00-07-0
9
3
J1-J3
CON., SMA, 50Ω, EDGE-LANCH
E.F. JOHNSON, 142-0701-851
10
2
L1, L2
RES., 0Ω, 0402
VISHAY, CRCW04020000Z0ED
11
1
R1
RES., 2.61k, 1/16W, 1%, 0402
VISHAY, CRCW04022K61FKED
12
1
T1
TRANS., 50Ω, 4.5MHz – 3000MHz, TC1-1-13M+
MINI CIRCUITS, TC1-1-13M+
13
1
U1
IC., HIGH DYNAMIC RANGE ACTIVE MIXER
LINEAR TECH., LTC5576IUF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com