Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6947 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6947
Description  Ultralow Noise and Spurious Fractional-N Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6947 Datasheet(HTML) 3 Page - Linear Technology

  LTC6947 Datasheet HTML 1Page - Linear Technology LTC6947 Datasheet HTML 2Page - Linear Technology LTC6947 Datasheet HTML 3Page - Linear Technology LTC6947 Datasheet HTML 4Page - Linear Technology LTC6947 Datasheet HTML 5Page - Linear Technology LTC6947 Datasheet HTML 6Page - Linear Technology LTC6947 Datasheet HTML 7Page - Linear Technology LTC6947 Datasheet HTML 8Page - Linear Technology LTC6947 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
dc1846af
DEMO MANUAL DC1846A
QUICK START PROCEDURE
Download the FracNWizard setup file at:
www.linear.com/FracNWizard
Run the FracNWizard setup file and follow the instructions
given on the screen. The setup file will verify and/or install
Microsoft .NET and install the FracNWizard. Refer to the
Help menu for software operation.
DC1846A Configuration
1. Connect a 100MHz reference frequency source (at J2)
and signal analyzers to RF+ and/or RF– (at J6 and/or
J7) using the SMA connectors (see Figure 1 and the
Typical DC1846A Requirements and Characteristics
table).
Be sure to terminate any unused RF output with 50Ω, or
poor spurious performance may result.
2. Choose the MUTE jumper setting:
JP1: GND/3.3V - MUTE position. Select GND to mute
the RF output, 3.3V to unmute.
3. Connect the GND, 3.3V, 5V banana jacks and the
V+VCO turret to a power supply and apply power (see
Figure 1 and the Typical DC1846A Requirements and
Characteristics table).
4. Connect the DC590 to the DC1846A with the provided
ribbon cable.
5. Run the FracNWizard application.
6. In FracNWizard, click File -> Load Settings and point
to the “LTC6947_100MHz.fracnset” file.
The red LED on the DC1846A should turn on indicating
that the loop is locked at 2415MHz.
Figure 3. FracNWizard Screenshot



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com