Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7000 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC7000
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7000 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC7000 Datasheet HTML 17Page - Linear Technology LTC7000 Datasheet HTML 18Page - Linear Technology LTC7000 Datasheet HTML 19Page - Linear Technology LTC7000 Datasheet HTML 20Page - Linear Technology LTC7000 Datasheet HTML 21Page - Linear Technology LTC7000 Datasheet HTML 22Page - Linear Technology LTC7000 Datasheet HTML 23Page - Linear Technology LTC7000 Datasheet HTML 24Page - Linear Technology LTC7000 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC7000/LTC7000-1
21
7000fa
For more information www.linear.com/LTC7000
applicaTions inForMaTion
PC Board Layout Considerations
1. Solder the exposed pad on the backside of the LTC7000/
LTC7000-1 packages directly to the ground plane of the
board.
2. Kelvin connect current sense resistor.
3. Limit the resistance of the TS trace, by making it short
and wide.
4. CB needs to be close to chip.
5. Always include an option in the PC board layout to
place a resistor in series with the gate of any exter-
nal MOSFET. High frequency oscillations are design
dependent and having the option to add a series damp-
ening resistor can save a design iteration of the PC
board.
Pin Creepage and Clearance
In some higher voltage applications, the MSE16 package
may not provide sufficient PC board trace clearance
between high and low voltage pins. In applications where
clearance is required, the LTC7000-1 in the MSE16(12)
package can be used. The MSE16(12) package has
removed pins between all the adjacent high voltage
and low voltage pins, providing 0.657mm clearance,
which will be sufficient for most applications. For more
information, refer to the printed circuit board design
standards described in IPC-2221 (www.ipc.org).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com