Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7004 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC7004
Description  Fast 60V High Side NMOS Static Switch Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7004 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC7004 Datasheet HTML 9Page - Linear Technology LTC7004 Datasheet HTML 10Page - Linear Technology LTC7004 Datasheet HTML 11Page - Linear Technology LTC7004 Datasheet HTML 12Page - Linear Technology LTC7004 Datasheet HTML 13Page - Linear Technology LTC7004 Datasheet HTML 14Page - Linear Technology LTC7004 Datasheet HTML 15Page - Linear Technology LTC7004 Datasheet HTML 16Page - Linear Technology LTC7004 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC7004
13
7004fa
For more information www.linear.com/LTC7004
Figure 7. Protecting Load from Voltage Drops on VIN
TGUP
TGDN
TS
INP
7004 F07
LTC7004
M1A
M1B
VIN
LOAD
Reverse Input Protection
To protect the load from discharging back into VIN when
the external MOSFET is off and the VIN voltage drops
below the load voltage, two external N-channel MOSFETs
should be used and must be in a back-to-back arrange-
ment as shown in Figure  7. Dual N-channel packages
such as the following devices are good choices for space
saving designs:
• FDS3890, Fairchild/ON Semiconductor
• IRF7380PbF, Infineon/IR
• SQJB80EP, Vishay/Siliconix
PC Board Layout Considerations
1. Solder the exposed pad on the backside of the LTC7004
package directly to the ground plane of the board.
2. Limit the resistance of the TS trace, by making it short
and wide.
3. CB needs to be close to chip.
4. Always include an option in the PC board layout to place
aresistorinserieswiththegateofanyexternalMOSFET.
High frequency oscillations are design dependent, and
having the option to add a series dampening resistor
can save a design iteration of the PC board.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com