Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4603ES Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4603ES
Description  Buck-Boost White LED Driver For TV Backlighting Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603ES Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP4603ES Datasheet HTML 1Page - Monolithic Power Systems MP4603ES Datasheet HTML 2Page - Monolithic Power Systems MP4603ES Datasheet HTML 3Page - Monolithic Power Systems MP4603ES Datasheet HTML 4Page - Monolithic Power Systems MP4603ES Datasheet HTML 5Page - Monolithic Power Systems MP4603ES Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV4603-S-00A – EVB DESCRIPTION
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV4603ES-00A Rev.1.0
www.MonolithicPower.com
6
4/12/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
QUICK START GUIDE
1. Check the LED string voltage and preset the high voltage power supply’s output. For example,
60 LED string needs 180V. Set the high voltage power supply output VINH as 150V.
2. Set a second power supply VIN to 12V as the input of all the EVBs. Set a third power supply to
5V as the EN input to all the EVBs, Set a fourth power supply to 5V as the ADIM input of all
EVBs. Set another power supply to 5V as the PWM input of all EVBs.
3. Turn-off all power supplies.
4. Connect the positive terminal of the high voltage power supply to all the anodes of the LED
strings, and the negative terminal to all the EVB ‘GND’ connector.
5. Connect each LED string cathode to the ‘LED-’ connector on one EVB individually (one EVB for
one LED string).
6. Connect VIN (12V) the positive terminal to all the EVB ‘VIN’ connectors and the negative
terminal to all the EVB GND connectors.
7. Connect the 5V PWM power supply positive terminal to all the EVB ‘PWM’ connectors, and
negative terminal to all the EVB ‘GND’ connectors.
8. Connect the 5V ‘ADIM’ power supply positive terminal to all the EVB ‘ADIM’ connectors, and
negative terminal to all the EVB ‘GND’ connectors.
9. Connect the 5V EN power supply positive terminal to all the EVB ‘EN’ connectors, and negative
terminal to all the EVB ‘GND’ connectors.
10. Connect all ‘SYNC’ pin of all EVBs together for synchronization if necessary.
11. Turn on the high voltage power supply.
12. Turn on the 12V power supply.
13. Turn on the 5V PWM power supply.
14. Turn on the 5V ADIM power supply.
15. Turn on the 5V EN power supply. All the LED strings should be lighted.
16. To demo the dimming function: replace the 5V PWM power supply with a function generator.
Set the PWM signal amplitude from 2.5V to 5V and the frequency within 100Hz to 20kHz range.
17. For analog dimming, adjust the power supply on ‘ADIM’ connector from 0V to 1.2V
18. To demo the EVB in Boost mode, connect the LED load as follow: Anode to ‘BOOST’ and
Cathode to ‘LED-‘
19. To demo the EVB in Buck mode, open ‘JP1’ and short ‘JP2’. The anode and cathode of the LED
string are connected to "LED+" and "LED-" separately.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com