Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4688 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4688
Description  80V Input 1A High Power LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4688 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4688 Datasheet HTML 1Page - Monolithic Power Systems MP4688 Datasheet HTML 2Page - Monolithic Power Systems MP4688 Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EV4688DN-00A – 80V INPUT 1A HIGH POWER LED DRIVER
EV4688DN-00A Rev. 1.0
www.MonolithicPower.com
2
11/28/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV4600DQ-01A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1, C2
2.2µF
Ceramic Cap., 100V,
10%, X7R
1210
muRata
GRM32ER72A225K
1
C3
0.1µF
Ceramic Cap., 100V,
10%, X7R
0805
muRata
GCM21BR72A104K
2
C4
0.1µF
Ceramic Cap., 50V, 10%,
X7R
0603
muRata
GRM188R71H104K
0
C5, C7
NS
0603
1
D1
1A
Schottky Rect., 100V, 1A
SMB
STMicroelectronics STPS1H100U
1
L1
47µH
Inductor, Rdc 344mΩ,
Isat 3.1A
SMD
Cooper
HC8LP-470-R
2
R1, R2
560mΩ
Film Res., 1/8W, 1%
0805
Panasonic
ERJ-6RQFR56V
0
R3
NS
0603
1
R4
0Ω
Film Res., 5%
0603
Yageo
RC0603JR-070RL
1
U1
Power Led Driver
SO8E
MPS
MP4688DN
1
EN,
DIM,
GND
4 Pin Header, 2.54mm
2.54mm
Sullins
PCC04SAAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com