Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5402M-R-00A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # EV5402M-R-00A
Description  5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5402M-R-00A Datasheet(HTML) 4 Page - Monolithic Power Systems

  EV5402M-R-00A Datasheet HTML 1Page - Monolithic Power Systems EV5402M-R-00A Datasheet HTML 2Page - Monolithic Power Systems EV5402M-R-00A Datasheet HTML 3Page - Monolithic Power Systems EV5402M-R-00A Datasheet HTML 4Page - Monolithic Power Systems EV5402M-R-00A Datasheet HTML 5Page - Monolithic Power Systems EV5402M-R-00A Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV5402M-R-00A, 5A, 36V STEP DOWN CONVERTER WITH USB CHARGING PORTS
EV5402M-R-00A Rev. 1.1
www.MonolithicPower.com
4
4/1/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 5V, L =22µH, TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com