Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5403
Description  High Efficiency Dual Buck and One Load Switch Power Management Unit EV Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5403 Datasheet HTML 1Page - Monolithic Power Systems MP5403 Datasheet HTML 2Page - Monolithic Power Systems MP5403 Datasheet HTML 3Page - Monolithic Power Systems MP5403 Datasheet HTML 4Page - Monolithic Power Systems MP5403 Datasheet HTML 5Page - Monolithic Power Systems MP5403 Datasheet HTML 6Page - Monolithic Power Systems MP5403 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV5403-QB-02A – DUAL BUCK AND ONE LOAD SWITCH PMIC
EV5403-QB-02A Rev.1.0
www.MonolithicPower.com
2
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
VIN1
GND
22uF
C1A
0.1uF
C1B
GND
GND
100K
R3
NS
R4
100K
R8
100K
R7
100K
R6
GND
GND
100K
R9
100K
R11
100K
R10
1uH
L1
1uH
L2
300K
R1A
300K
R2A
300K
R1B
300K
R2B
GND
10pF
C8
GND
22uF
C5A
22uF
C5B
22uF
C4A
22uF
C4B
10uF
C6A
GND
GND
GND
GND
NS
C6B
GND
22uF
C1C
GND
100K
R5
VIN1
1uF
C7
NS
R12
NS
F1
22uF
C2
GND
10uF
C3
GND
VIN2
VIN3
PFL Test Point
Vout1
Vout2
Vout3
6
3
7
4
1
5
2
EN2
EN3
PG3
PG2
PG1
EN1
PFL
PFL
EN2
EN1
EN3
PG1
PG2
PG3
GND
GND
SW1
PFL_ADJ
2
VIN1
3
VIN2
6
FB1
7
FB2
8
EN1
9
EN2
10
EN3
11
SW2
12
V_SUS
13
SW1
14
PG1
15
PG2
16
PG3
17
VIN3
18
OUT3
19
U1
VIN1
PFL ADJ
MP5403
EV5403-QB-02A BILL OF MATERIALS
Qty
Ref
Value Description
Package Manufacturer Part Number
2
L1, L2
1μH
Inductor, ±20%
SMD
Wurth
744 373 240 10
7
C1A, C1C,
C2, C4A,
C4B, C5A,
C5B
22μF
Ceramic Capacitor, 10V, X5R
0805
muRata
GRM21BR61A226ME51L
2
C3, C6A
10μF
Ceramic Capacitor, 10V, X5R
0805
muRata
GRM21BR61A106KE19L
1
C7
1μF
Ceramic Capacitor, 16V, X7R
0603
muRata
GRM21BR71C105KA01L
1
C1B
0.1μF
Ceramic Capacitor, 16V, X7R
0603
muRata
GRM219R71C104KA01D
1
C8
10pF
Ceramic Capacitor, 50V, COG
0603
muRata
GRM1885C1H100JA01D
4
R1A, R1B,
R2A, R2B
300kΩ Film Res,1%
0603
ROYAL
RL0603FR-07300KL
8
R3, R5,
R6, R7,
R8, R9,
R10, R11
100kΩ Film Res,5%
0603
Any
Any
1
U1
MP5403
Dual buck and one load
switch PWIC
QFN20
MPS
MP5403
1
CN1
1X7 PINS, 2.54mm
Any
Any



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com