Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC154N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC154N
Description  4-to-16 line decoder/demultiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC154N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC154N Datasheet HTML 1Page - NXP Semiconductors 74HC154N Datasheet HTML 2Page - NXP Semiconductors 74HC154N Datasheet HTML 3Page - NXP Semiconductors 74HC154N Datasheet HTML 4Page - NXP Semiconductors 74HC154N Datasheet HTML 5Page - NXP Semiconductors 74HC154N Datasheet HTML 6Page - NXP Semiconductors 74HC154N Datasheet HTML 7Page - NXP Semiconductors 74HC154N Datasheet HTML 8Page - NXP Semiconductors 74HC154N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2004 Oct 12
2
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74HC154; 74HCT154
FEATURES
• 16-line demultiplexing capability
• Decodes 4 binary-coded inputs into one 16 mutually
exclusive outputs
• Complies with JEDEC standard no. 8-1 B
• ESD protection:
HBM EIA/JESD22-A114-B exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 °C to +85 °C and −40 °C to +125 °C.
DESCRIPTION
The 74HC154; 74HCT154 are high-speed Si-gate CMOS
devices and are pin compatible with low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74HC154; 74HCT154 decoders accept four active
HIGH binary address inputs and provide 16 mutually
exclusive active LOW outputs. The two-input enable gate
can be used to strobe the decoder to eliminate the normal
decoding “glitches” on the outputs, or can be used for the
expansion of the decoder.
The enable gate has two ANDed inputs which must be
LOW to enable the outputs.
The 74HC154; 74HCT154 can be used as a 1-to-16
demultiplexer by using one of the enable inputs as the
multiplexed data input.
When the other enable input is LOW, the addressed output
will follow the state of the applied data.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. For 74HC154 the condition is VI = GND to VCC
For 74HCT154 the condition is VI = GND to VCC − 1.5 V.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
74HC154
74HCT154
tPHL/tPLH
propagation delay An, En to Yn
CL = 15 pF; RL =1kΩ;
VCC =5V
11
13
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per gate
notes 1 and 2
60
60
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com