Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC08DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC08DB
Description  Quad 2-input AND gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC08DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC08DB Datasheet HTML 1Page - NXP Semiconductors 74HC08DB Datasheet HTML 2Page - NXP Semiconductors 74HC08DB Datasheet HTML 3Page - NXP Semiconductors 74HC08DB Datasheet HTML 4Page - NXP Semiconductors 74HC08DB Datasheet HTML 5Page - NXP Semiconductors 74HC08DB Datasheet HTML 6Page - NXP Semiconductors 74HC08DB Datasheet HTML 7Page - NXP Semiconductors 74HC08DB Datasheet HTML 8Page - NXP Semiconductors 74HC08DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2003 Jul 25
3
Philips Semiconductors
Product specification
Quad 2-input AND gate
74HC08; 74HCT08
ORDERING INFORMATION
PINNING
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
74HC08N
−40 to +125 °C
14
DIP14
plastic
SOT27-1
74HCT08N
−40 to +125 °C
14
DIP14
plastic
SOT27-1
74HC08D
−40 to +125 °C
14
SO14
plastic
SOT108-1
74HCT08D
−40 to +125 °C
14
SO14
plastic
SOT108-1
74HC08DB
−40 to +125 °C
14
SSOP14
plastic
SOT337-1
74HCT08DB
−40 to +125 °C
14
SSOP14
plastic
SOT337-1
74HC08PW
−40 to +125 °C
14
TSSOP14
plastic
SOT402-1
74HCT08PW
−40 to +125 °C
14
TSSOP14
plastic
SOT402-1
74HC08BQ
−40 to +125 °C
14
DHVQFN14
plastic
SOT762-1
74HCT08BQ
−40 to +125 °C
14
DHVQFN14
plastic
SOT762-1
PIN
SYMBOL
DESCRIPTION
1
1A
data input
2
1B
data input
3
1Y
data output
4
2A
data input
5
2B
data input
6
2Y
data output
7
GND
ground (0 V)
8
3Y
data output
9
3A
data input
10
3B
data input
11
4Y
data output
12
4A
data input
13
4B
data input
14
VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com