Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A31CCP12VDC2R Datasheet(PDF) 4 Page - CIT Relay & Switch

Part # A31CCP12VDC2R
Description  Large switching capacity up to 80A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A31CCP12VDC2R Datasheet(HTML) 4 Page - CIT Relay & Switch

  A31CCP12VDC2R Datasheet HTML 1Page - CIT Relay & Switch A31CCP12VDC2R Datasheet HTML 2Page - CIT Relay & Switch A31CCP12VDC2R Datasheet HTML 3Page - CIT Relay & Switch A31CCP12VDC2R Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 4
A3
Bottom Views
Schematics & PC Layouts
30
85
86
87
30
85
87a
86
2X 8.40
[.33]
8.00
[.31]
8.40
[.33]
8.40
[.33]
9.50
[.37]
Ø3.00 TYP
[.12]
1A
1B
Standard PC Layout
85
30
87a
87
86
30
87a
86
87
85
2X 8.40
[.33]
8.00
[.31]
3.80
[.15]
3.80
[.15]
3.80
[.15]
3.80
[.15]
2X Ø1.95
[.08]
9X Ø2.20
[.09]
9.50
[.37]
1C
1U
Heavy Duty PC Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com