Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH16374TTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74VCXH16374TTR
Description  LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH16374TTR Datasheet(HTML) 5 Page - STMicroelectronics

  74VCXH16374TTR Datasheet HTML 1Page - STMicroelectronics 74VCXH16374TTR Datasheet HTML 2Page - STMicroelectronics 74VCXH16374TTR Datasheet HTML 3Page - STMicroelectronics 74VCXH16374TTR Datasheet HTML 4Page - STMicroelectronics 74VCXH16374TTR Datasheet HTML 5Page - STMicroelectronics 74VCXH16374TTR Datasheet HTML 6Page - STMicroelectronics 74VCXH16374TTR Datasheet HTML 7Page - STMicroelectronics 74VCXH16374TTR Datasheet HTML 8Page - STMicroelectronics 74VCXH16374TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74VCXH16374
5/12
DC SPECIFICATIONS (2.3V < VCC < 2.7V unless otherwise specified)
DYNAMIC SWITCHING CHARACTERISTICS (Ta = 25°C, Input tr =tf = 2.0ns, CL = 30pF, RL = 500Ω)
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the LOW state.
2) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the HIGH state.
3) Parameters guaranteed by design.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40to 85°C
-55 to 125°C
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.3to2.7
1.6
1.6
V
VIL
Low Level Input
Voltage
0.7
0.7
VOH
High Level Output
Voltage
2.3to2.7
IO=-100 µAVCC-0.2
VCC-0.2
V
2.3
IO=-6 mA
2.0
2.0
IO=-12 mA
1.8
1.8
IO=-18 mA
1.7
1.7
VOL
Low Level Output
Voltage
2.3to2.7
IO=100 µA
0.2
0.2
V
2.3
IO=12 mA
0.4
0.4
IO=18 mA
0.6
0.6
II
Input Leakage
Current
2.3to2.7
VI = 0 to 3.6V
± 5
± 5
µA
II(HOLD)
Input Hold Current
2.3
VI = 0.7V
45
45
µA
VI = 1.7V
-45
-45
Ioff
Power Off Leakage
Current
0
VI or VO = 0 to 3.6V
10
10
µA
IOZ
High Impedance
Output Leakage
Current
2.3to2.7
VI =VIH or VIL
VO = 0 to 3.6V
± 10
± 10
µA
ICC
Quiescent Supply
Current
2.3to2.7
VI =VCC or GND
20
20
µA
VI or VO =VCC to
3.6V
± 20
± 20
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
VOLP
Dynamic Low Voltage Quiet
Output (note 1, 3)
2.5
VIL =0V
VIH =VCC
0.6
V
3.3
0.8
VOLV
Dynamic Low Voltage Quiet
Output (note 1, 3)
2.5
VIL =0V
VIH =VCC
-0.6
V
3.3
-0.8
VOHV
Dynamic High Voltage Quiet
Output (note 2, 3)
2.5
VIL =0V
VIH =VCC
1.9
V
3.3
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com