Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J1021CS3P9VDC.36 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # J1021CS3P9VDC.36
Description  High sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J1021CS3P9VDC.36 Datasheet(HTML) 2 Page - CIT Relay & Switch

  J1021CS3P9VDC.36 Datasheet HTML 1Page - CIT Relay & Switch J1021CS3P9VDC.36 Datasheet HTML 2Page - CIT Relay & Switch J1021CS3P9VDC.36 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
J102
page 2
Dimensions
Units = mm
15.54
[.61]
10.58
[.42]
11.60
[.46]
3.45 TYP
[.14]
10.16
[.40]
2.54
[.10]
7.62
[.30]
Ordering Information
1. Series
J102
1C
S
3
12VDC
.45
J102
J102K
2. Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
3. Sealing Options
S = Sealed
4. Contact Options
1 = 1amp Ag (requires .2, .36 or .45 watt coil)
3 = 3amp AgNi (requires .2, .36 or .45 watt coil)
3P = 3amp Ag (requires .2, .36 or .45 watt coil)
5 = 5amp AgNi (requires .45 watt coil)
5. Coil Voltage
3VDC
5VDC
6VDC
9VDC
12VDC
24VDC
6. Coil Power
.20 = .20W
.36 = .36W
.45 = .45W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com