Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6514 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6514
Description  0.6A, 14V Half H-bridge Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6514 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6514 Datasheet HTML 1Page - Monolithic Power Systems MP6514 Datasheet HTML 2Page - Monolithic Power Systems MP6514 Datasheet HTML 3Page - Monolithic Power Systems MP6514 Datasheet HTML 4Page - Monolithic Power Systems MP6514 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV6514-G-00A 0.6A, 14V HALF H-BRIDGE MOTOR DRIVER EV BOARD
EV6514-G-00A Rev.1.0
www.MonolithicPower.com
2
7/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP6514
HIN1
HIN2
LIN2
LIN1
OUT1
VCC
GND
OUT2
1
2
3
4
vcc
OUT1
OUT2
OUT
INPUT
GND
C1
1uF/25V
C2
68uF/25V
HIN1
LIN1
LIN2
HIN2
1
2
3
4
5
6
7
8
VCC
GND
VCC
VCC
1
2
U1
Figure 1 .Schematic of EVB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com