Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6515 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6515
Description  2A, 35V, H-Bridge Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6515 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6515 Datasheet HTML 1Page - Monolithic Power Systems MP6515 Datasheet HTML 2Page - Monolithic Power Systems MP6515 Datasheet HTML 3Page - Monolithic Power Systems MP6515 Datasheet HTML 4Page - Monolithic Power Systems MP6515 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV6515-F-00A EVB DESCRIPTION
EV6515-F-00A Rev. 1.0
www.MonolithicPower.com
3
10/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV6515-F-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
100uF
Electrolytic Cap. 50V
DIP
JiangHai
CD287-50V100
1
C2
10uF
Ceramic Cap. 50V,
X5R
1206
Murata
GRM31CR61H106KA
12L
1
C3
1µF
Ceramic Cap. 50V,
X7R
0805
Murata
GRM21BR71H105KA
12L
1
C4
100nF
Ceramic Cap. 50V,
X7R
0805
TDK
C2012X7R1H104K
1
C5
1µF
Ceramic Cap. 16V,
X7R
0603
Murata
GRM188R71C105KA
12D
1
C6
0.1µF
Ceramic Cap. 16V,
X7R
0603
Murata
GRM188R71C104KA
01D
7
R1,R2,R3,R4
,R5,R6,R7
1k
Film Resistor. 1%
0603
Yageo
RC0603FR-071KL
1
RV1
10k
Adjustable Resistor
DIP
3296W-1-103F
1
LED1
LED. 红光
0805
Bright LED
BL-HUF35A-TRB
1
JP1
2PIN. 2.54MM(with
Short Jumper)
1
SW1
8-Bits Button
SMD
Wurth
418121270808
1
CN1
10PIN. 2.54MM
3
D1, D2, D3
NS
1
U1
H-Bridge Motor
Driver
TSSOP-
16 EP
MPS
MP6515GF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com