Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6516 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6516
Description  2A, 35V, H-Bridge Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6516 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6516 Datasheet HTML 1Page - Monolithic Power Systems MP6516 Datasheet HTML 2Page - Monolithic Power Systems MP6516 Datasheet HTML 3Page - Monolithic Power Systems MP6516 Datasheet HTML 4Page - Monolithic Power Systems MP6516 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV6516-F-00A EVB DESCRIPTION
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV6516-F-00A Rev. 1.0
www.MonolithicPower.com
5
10/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
QUICK START GUIDE
1. Attach the input voltage (5.4V ≤ VIN ≤ 35V) and input ground to the VIN and GND connectors
respectively.
2. Input control and logic signal can be set either through the CN1 connector by the external MCU
or through the SW1 by manual action. Manual action requires an external 3.3V or 5V Vcc
voltage as a pull-up power supply. The logic truth table is shown in below:
ENx
OUTx
0
Z
0
Z
1
L
1
H
0
1
0
1
INx
3. The VISEN output voltage scaling is set by the RV1 adjustable resistor.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com