Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6534 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6534
Description  5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6534 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6534 Datasheet HTML 1Page - Monolithic Power Systems MP6534 Datasheet HTML 2Page - Monolithic Power Systems MP6534 Datasheet HTML 3Page - Monolithic Power Systems MP6534 Datasheet HTML 4Page - Monolithic Power Systems MP6534 Datasheet HTML 5Page - Monolithic Power Systems MP6534 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV6534-U-00A EVB DESCRIPTION
EV6534-U-00A Rev. 1.0
www.MonolithicPower.com
2
1/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
3
5
1
2
4
Hall Sensor
GND
HA
HB
HC
VH
ENA
ENB
ENC
PWMA
PWMB
PWMC
GND
VIN
VIN
VIN_GND
GND
VH VH_GND
GND
1000uF/63V
C7
4.7uF/100V
C8
4.7uF/100V
C9
4.7uF/100V
C11
4.7uF/100V
C10
GND
VIN
IPB083N10N3
1
M1_1
IPB083N10N3
1
M2_1
VIN
GHA
GLA
SHA
2
1
100nF
C1
2
1
100nF
C2
JP2
GND
IPB083N10N3
1
M1_2
IPB083N10N3
1
M2_2
IPB083N10N3
1
M5_1
IPB083N10N3
1
M6_1
VIN
GHC
GLC
SHC
2
1
100nF
C5
2
1
100nF
C6
JP4
GND
IPB083N10N3
1
M5_2
IPB083N10N3
1
M6_2
IPB083N10N3
1
M3_1
IPB083N10N3
1
M4_1
VIN
GHB
GLB
SHB
2
1
100nF
C3
2
1
100nF
C4
JP3
GND
IPB083N10N3
1
M3_2
IPB083N10N3
1
M4_2
R1
R2
R3
R4
R5
R6
100m
R7
100m
R8
100m
R9
100m
R10
100m
R11
GND
OC_REF
GND2
GND
nFAULT
GND1
GND
10
7
4
1
8
9
5
2
6
3
CN1
HA
HB
HC
4.7uF/100V
C12
4.7uF/100V
C13
100nF
C14
VIN
GND
1
2
D3
B130LAW/SOD-123
1
2
D4
B130LAW/SOD-123
1
2
D2
B130LAW/SOD-123
1
2
D1
B130LAW/SOD-123
1
2
D5
B130LAW/SOD-123
1
2
D6
B130LAW/SOD-123
4.7uF/100V
C21
4.7uF/100V
C23
4.7uF/100V
C22
HAS
HBS
HCS
GND3 GND4 GND5
GND
GND
GND
200K
R15
499
R14
1
2
LED1
VH
GND
2
1
470nF/100V
C15
GND
GND
3
1
2
SW1
GND
VIN
GND
OC_REF
nFAULT
2
1
10uF
C16
nSLEEP
DT
VREG
21
ENC
10
PWMC
7
GHC
4
NC
1
GLA
24
RBST
27
NC
30
PWMA
9
SHC
3
GLC
5
LSS
6
BSTA
22
SHA
23
GHA
25
RSW
28
RSW
29
BSTC
2
PWMB
8
NC
26
MP6534
U1
ENC
PWMA
PWMB
PWMC
GHC
GLC
GHA
GLA
SHA
BSTA
BSTC
SHC
1uF/25V
C17
R16
2
1
1uF/25V
C18
1uF/25V
C19
R18
LSS
R19
C20
GND
GND
R23
D7
GND
1
2
15uH
L1
C24
GND
2
1
C26
0
R25
VB
R26
R27
GND
FB
VIN
GND
REN
JP5
JP6
JP7
PWMA
PWMB
PWMC
HA
HB
HC
VB_GND
VB
GND
REN_GND
REN
GND
C27
C28
C29
GND
GND
GND
2
1
C30
GND
C25
MB1
JP1
VB
C31
R28
R29
1
2
4.7uF/100V
C32



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com