Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8362 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8362
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8362 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8362 Datasheet HTML 17Page - Linear Technology LT8362 Datasheet HTML 18Page - Linear Technology LT8362 Datasheet HTML 19Page - Linear Technology LT8362 Datasheet HTML 20Page - Linear Technology LT8362 Datasheet HTML 21Page - Linear Technology LT8362 Datasheet HTML 22Page - Linear Technology LT8362 Datasheet HTML 23Page - Linear Technology LT8362 Datasheet HTML 24Page - Linear Technology LT8362 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT8362
21
8362fa
For more information www.linear.com/LT8362
APPLICATIONS INFORMATION
Inverting Converter: Output Capacitor Selection
The inverting converter requires much smaller output
capacitors than those of the boost, flyback and SEPIC
converters for similar output ripples. This is due to the
fact that, in the inverting converter, the inductor L2 is
in series with the output, and the ripple current flowing
through the output capacitors are continuous. The output
ripple voltage is produced by the ripple current of L2 flow-
ing through the ESR and bulk capacitance of the output
capacitor:
ΔVOUT(P–P) = ΔIL2 • ESRCOUT +
1
8 • fOSC • COUT
⎛
⎝
⎜
⎞
⎠
⎟
After specifying the maximum output ripple, the user can
select the output capacitors according to the preceding
equation.
The ESR can be minimized by using high quality X5R or
X7R dielectric ceramic capacitors. In many applications,
ceramic capacitors are sufficient to limit the output volt-
age ripple.
The RMS ripple current rating of the output capacitor
needs to be greater than:
IRMS(COUT) > 0.3 • ∆IL2
Inverting Converter: Selecting the DC Coupling
Capacitor
The DC voltage rating of the DC coupling capacitor (CDC,
as shown in Figure 8) should be larger than the maximum
input voltage minus the output voltage (negative voltage):
VCDC > VIN(MAX) +| VOUT|
CDC has nearly a rectangular current waveform. During
the switch off-time, the current through CDC is IIN, while
approximately –IO flows during the on-time. The RMS
rating of the coupling capacitor is determined by the fol-
lowing equation:
IRMS(CDC) >IO(MAX) •
DMAX
1 − DMAX
A low ESR and ESL, X5R or X7R ceramic capacitor works
well for CDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com