Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8602 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8602
Description  42V Quad Monolithic Synchronous Step-Down Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8602 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8602 Datasheet HTML 17Page - Linear Technology LT8602 Datasheet HTML 18Page - Linear Technology LT8602 Datasheet HTML 19Page - Linear Technology LT8602 Datasheet HTML 20Page - Linear Technology LT8602 Datasheet HTML 21Page - Linear Technology LT8602 Datasheet HTML 22Page - Linear Technology LT8602 Datasheet HTML 23Page - Linear Technology LT8602 Datasheet HTML 24Page - Linear Technology LT8602 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT8602
21
8602fb
For more information www.linear.com/LT8602
Figure 5. Burst Mode SW Waveforms with
All Channels in Burst Mode
applicaTions inForMaTion
the system can tolerate a small current (<100µA) in this
state. If the LT8602 is disabled, the SW pin current will
drop to essentially zero. However, if the VIN or PVIN pin is
grounded while the output is held high, an external diode
is required at the VIN/PVIN pin to prevent current being
pulled out of the VIN/PVIN pin. An example is shown in
Figure 3. In this case, both OUT1 and OUT3 are held high
by batteries. PVIN1 must be diode protected, as well as
PVIN3 if it is connected to an external supply.
four channels go into Burst Mode operation, the oscillator
will also shut off between bursts with a further savings in
power(Figure5).BecausethechannelsoftheLT8602may
havedifferentloads,channelscanhavedifferentswitching
frequencies when in Burst Mode operation.
Figure 3. Reverse Protection Diodes
Figure 4. Burst Mode SW Waveforms with Oscillator Running
8602 F03
OUT3
OUT1
GND
FB3
SW3
SW1
EN/UVLO
VIN
IN
BST1
LT8602
PVIN3
RUV1
RUV2
FB1
+
–
+
–
PVIN1
IN3
1µs/DIV
VSW1
10V/DIV
VSW2
10V/DIV
VSW3
5V/DIV
VSW4
5V/DIV
8602 F04
100ms/DIV
VERT
5V/DIV
VSW4
VSW3
VSW2
VSW1
8602 F05
Burst Mode Operation
To improve efficiency at light loads, the LT8602 automati-
cally switches to Burst Mode operation which minimizes
the switching loss and keeps the output voltage ripple
small. In Burst Mode operation, most of the circuits are
shut down between switch-on bursts to minimize power
loss. If at least one channel remains full frequency, the
oscillator remains on and all bursts are synchronized to
the appropriate phase of the oscillator (Figure 4). If all
Mode Selection and Synchronization
To select low ripple Burst Mode operation, tie the SYNC
pin below 0.3V (this can be ground or a logic low output).
To select pulse-skipping operation, tie the SYNC pin above
1.2V. To synchronize the LT8602 oscillator to an external
frequency connect a square wave (with 20% to 80% duty
cycle) to the SYNC pin. The square wave amplitude should
have valleys that are below SYNC VIL and peaks above
SYNC VIH (up to 6V).
The LT8602 will not enter Burst Mode operation at low
output loads while synchronized to an external clock, but
instead will pulse skip to maintain regulation. The LT8602
may be synchronized over a 250kHz to 2.2MHz range. The
RT resistor should be chosen to set the LT8602 switching
frequency equal to the synchronization input. If a range of
frequencies is used, set RT to the center of the range. For
example, if the synchronization signal will be 400kHz to
600kHz, the RT should be selected for 500kHz. The SYNC
lock range is ±20% of the RT set frequency.
For some applications it is desirable for the LT8602 to
operate in pulse-skipping mode, offering two major dif-
ferences from Burst Mode operation. First is that the clock
staysawakeatalltimesandallswitchingcyclesarealigned
to the clock. Second is that full switching frequency is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com