Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8609S Datasheet(PDF) 21 Page - Linear Technology

Part # LT8609S
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8609S Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8609S Datasheet HTML 16Page - Linear Technology LT8609S Datasheet HTML 17Page - Linear Technology LT8609S Datasheet HTML 18Page - Linear Technology LT8609S Datasheet HTML 19Page - Linear Technology LT8609S Datasheet HTML 20Page - Linear Technology LT8609S Datasheet HTML 21Page - Linear Technology LT8609S Datasheet HTML 22Page - Linear Technology LT8609S Datasheet HTML 23Page - Linear Technology LT8609S Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT8609S
21
8609sf
For more information www.linear.com/LT8609S
Typical applicaTions
3.3V Step Down
5V Step Down
12V Step Down
C2
4.7µF
C3
1µF
C5
10pF
L1
2.2µH
R1
18.2k
R2
1M
R3
309k
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8609S
INTVCC
TR/SS
RT
GND
FB
PG
SW
VIN
3.8V
TO 42V
POWER
GOOD
fSW = 2MHz
L1 = XFL4020-222ME
VOUT
3.3V
2A
8609S TA02
C4
22µF
X7R
1206
C2
4.7µF
C3
1µF
C5
10pF
L1
2.2µH
R1
18.2k
R2
1M
R3
182k
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8609S
INTVCC
TR/SS
RT
GND
FB
PG
SW
VIN
5V
TO 42V
POWER
GOOD
fSW = 2MHz
L1 = XFL4020-222ME
VOUT
5V
2A
8609S TA03
C4
22µF
X7R
1206
C2
4.7µF
C3
1µF
C4
22µF
X7R
1206
C5
10pF
L1
10µH
R1
40.2k
R2
1M
R3
69.8k
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8609S
INTVCC
TR/SS
RT
GND
FB
PG
SW
VIN
12.5V
TO 42V
POWER
GOOD
FSW = 1MHz
L1 = XAL4040-103ME
VOUT
12V
2A
8609S TA04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com