Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3106 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3106
Description  300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3106 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3106 Datasheet HTML 17Page - Linear Technology LTC3106 Datasheet HTML 18Page - Linear Technology LTC3106 Datasheet HTML 19Page - Linear Technology LTC3106 Datasheet HTML 20Page - Linear Technology LTC3106 Datasheet HTML 21Page - Linear Technology LTC3106 Datasheet HTML 22Page - Linear Technology LTC3106 Datasheet HTML 23Page - Linear Technology LTC3106 Datasheet HTML 24Page - Linear Technology LTC3106 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC3106
21
3106f
For more information www.linear.com/LTC3106
BOOST MODE
BUCK-BOOST MODE
BUCK MODE
VOUT
IMAX
IPEAK
IVALLEY
IZERO
VIN
VIN
tOFF
tOFF
tOFF
AC
AC
AC
AD
AD
AD
AD
AD
AD
AD
AC
AC
BD
BD
BD
BD
BD
3106 F06
VIN
VOUT
A
B
C
D1
SW1
SW2
L
Figure 6. Operating Voltage and Current Waveforms
operaTion
Normal Operation
When VAUX is in regulation (~5.2V) and VOUT is greater
than1.2Vtypical,theconverterwillenternormaloperation.
AlwaysprioritizingVINoverVCAP,theintegratedPowerPath
controlcircuitryprovidesseamlesstransitionbetweeninput
sources as needed to maintain regulation of the output
voltage and to periodically recharge VAUX.
Anaccuratecomparatorisusedtomonitortheoutputvolt-
age as it continues to charge to one of the user selected
fixed output voltage values. If VOUT is above this voltage
value no switching occurs and only quiescent current is
drawn from the power source (sleep mode). When VOUT
drops below the fixed output voltage the LTC3106 “wakes
up”, switching commences, and the output capacitor is
again charged. The value of the output capacitor, the load
current, input source and the output voltage comparator
hysteresis(~1%)alldeterminethenumberofcurrentpulses
required to pump up the output capacitor before the part
returns to sleep. Normalized input and output voltages
in the various modes as well as typical inductor current
waveforms are shown in Figure 6. Only VIN is shown but
the VSTORE/VCAP power path have the same architecture.
Regions of the current waveforms where switches A and
D are on provide the highest efficiency since energy is
transferred directly from the input source to the output.
Boost Mode
When VIN < VOUT – 300mV, the LTC3106 operates in
boost or step-up mode. Referring to Figure 6 when VOUT
falls below the programmed regulation voltage, switches
A and C are turned on (VIN is applied across the induc-
tor) and current is ramped until IPEAK is detected. When
this occurs, C is turned off, D is turned on and current is
delivered to the output capacitor (VIN – VOUT is applied
across the inductor). Inductor current falls when D is on,
until an IVALLEY is detected. Terminating at IVALLEY results
in an increased load current capability for a given peak
current. This AC then AD switch sequence is repeated until
the output is pumped above the programmed regulation
voltage, a final IVALLEY is detected, and the part returns
to sleep mode.
Buck Mode
When VIN > VOUT + 700mV, the LTC3106 operates in buck
or step-down mode. At the beginning of a buck mode cycle
(Figure 6 right side) switches A and D are turned on (VIN
– VOUT is applied across the inductor), current is delivered
to the output and ramped up until IPEAK is detected. When
this occurs, A is turned off, B is turned on and inductor
current falls (–VOUT across the inductor) until an IVALLEY
is detected. This AD then BD switch sequence is repeated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com