Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3118 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3118
Description  18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3118 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3118 Datasheet HTML 17Page - Linear Technology LTC3118 Datasheet HTML 18Page - Linear Technology LTC3118 Datasheet HTML 19Page - Linear Technology LTC3118 Datasheet HTML 20Page - Linear Technology LTC3118 Datasheet HTML 21Page - Linear Technology LTC3118 Datasheet HTML 22Page - Linear Technology LTC3118 Datasheet HTML 23Page - Linear Technology LTC3118 Datasheet HTML 24Page - Linear Technology LTC3118 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC3118
21
3118fa
For more information www.linear.com/LTC3118
The RUN comparators include a built-in hysteresis of
approximately 170mV, so that the turn-off threshold will
be approximately 15% lower than the turn-on threshold.
Put another way, the internal threshold levels for the RUN
comparators to disable switching from a particular input
is 1.05V.
VTURNOFF = 1.05V 1+
RT
RB
The RUN comparator is relatively noise insensitive, but
there may be cases due to PCB layout, very large value
resistors for RT and RB (Figure 4a), or proximity to noisy
components where noise pickup is unavoidable and may
cause the turn-on or turn-off levels to be intermittent. In
these cases, a small value filter capacitor can be added
across RB to ensure proper operation.
Selecting Priority or Ideal Diode Mode Operation
Priority Mode (SEL=0)
Prioritymodeoperationissuggestedformostapplications,
since powering from one of the sources is typically
preferred. In priority mode, the primary input is connected
to VIN1 and the auxiliary input is connected to VIN2. The
LTC3118 will maintain operation from VIN1 until either
the RUN1 or minimum VIN1 UVLO circuits transition the
LTC3118 to VIN2 operation if valid. It is important that the
RUN1 turn-off threshold programs the minimum VIN1
above 2.5V in Priority Mode unless VCC is back-fed and
held above 2.5V. This prevents an unintended soft-start
cycle from occurring if VCC hits its UVLO threshold when
the VIN1 source is removed, before transitioning to VIN2
operation.
Dependingonthemaximumloadcurrentoftheapplication,
the RUN1 and RUN2 minimum VIN turn-off thresholds
may need to set well above 2.5V to prevent VOUT from
losing regulation, especially in step-up mode. Please
refer to Maximum Load Current vs VIN curves found in
the Typical Performance Characteristics. Maximum load
current capability when VIN1 or VIN2 is less than 3.8V can
be improved if VCC is boot-strapped to 5V as shown in
Figure 7.
Ideal Diode Mode (SEL=1)
IdealDiodemodeoperationisavailableontheLTC3118for
systems with low ESR sources or where the programmed
operating range of the two inputs can be separated as will
be discussed. In Ideal Diode mode, an internal comparator
monitors the voltage on both VIN1 and VIN2 to determine
which input is higher. The comparator has approximately
800mVofhysteresistohelppreventthepartfromswitching
betweenthetwoinputsifthesourcevoltagesareequal.The
comparatorhasanapproximate250µsfilterdelaytoprevent
rapidswitchingbetweeninputsanderraticoperation.When
the LTC3118 switches between inputs, current supplied
from one source is suspended before transitioning to the
other source. Depending on the impedance of each source
and the amount of input current required to support the
load on VOUT, it is possible for the voltage ripple on one
or both inputs to exceed this comparator’s hysteresis.
As an example, if both input sources have 300mΩ of
impedance and 2A of current is being drawn from the
active source, a 600mV step will occur on the inputs
during switchover, approaching the comparator’s 800mV
of typical hysteresis. When the input voltages are equal,
theLTC3118couldtogglebetweenVIN1andVIN2operation
at high load currents. For such systems, operation in
Priority mode is recommended, unless the RUN pins can
be programmed such that the minimum operating voltage
of one input is set above the maximum source voltage of
the other input. As with priority mode, the minimum VIN
operating voltages should be set by their RUN pins above
VCC UVLO and higher if needed to support maximum load
current. Low ESR 100µF to 220µF aluminum electrolytic
capacitors close to both input pins help to reduce resonant
ringing during VIN switchover, due to cable inductances
found in some applications and bench evaluation set-ups.
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com