Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3119 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3119
Description  18V, 5A Synchronous Buck-Boost DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3119 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3119 Datasheet HTML 17Page - Linear Technology LTC3119 Datasheet HTML 18Page - Linear Technology LTC3119 Datasheet HTML 19Page - Linear Technology LTC3119 Datasheet HTML 20Page - Linear Technology LTC3119 Datasheet HTML 21Page - Linear Technology LTC3119 Datasheet HTML 22Page - Linear Technology LTC3119 Datasheet HTML 23Page - Linear Technology LTC3119 Datasheet HTML 24Page - Linear Technology LTC3119 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC3119
21
3119fb
For more information www.linear.com/LTC3119
applicaTions inForMaTion
internal switch resistance (30mΩ), or output current capa-
bility and efficiency will be compromised. Larger inductor
values reduce inductor current ripple but may not increase
output current capability as is the case with peak current
mode control as described in the Maximum Output Current
section. Larger value inductors also tend to have a higher
DC series resistance for a given case size, which will have a
negative impact on efficiency. Larger values of inductance
will also lower the right half plane zero (RHPZ) frequency
whenoperatinginboostmode,whichcancompromiseloop
stability. Nearly all LTC3119 application circuits deliver the
best performance with an inductor value between 1.5μH
and 15μH. Buck mode only applications can use the larger
inductor values as they are unaffected by the RHPZ, while
mostlyboostapplicationsgenerallyrequireinductanceonthe
lower end of this range depending on how large the step-up
ratio is. Regardless of inductor value, the saturation current
ratingshouldbeselectedsuchthatitisgreaterthantheworst
case average inductor current plus half of the ripple current.
The peak-to-peak inductor current ripple for each opera-
tional mode can be calculated from the following formula,
where fSW is the programmed switching frequency, L is
the inductance and tLOW is the switch pin minimum low
time, typically 90ns.
∆IL P-P
( ) BUCK
(
) @
VOUT
L
VIN − VOUT
VIN


1
fSW
− tLOW


∆IL P-P
( ) BOOST
(
) @
VIN
L
VOUT − VIN
VOUT


1
fSW
− tLOW


It should be noted that the worst-case peak-to-peak in-
ductor ripple current occurs when the duty cycle in buck
mode is minimum (highest VIN) and in boost mode when
the duty cycle is 50% (VOUT @ 2 • VIN).
As an example, if VIN (minimum) = 2.5V and VIN (maxi-
mum) = 15V, VOUT = 5V, fSW = 1MHz and L = 4.7μH, the
peak-to-peakinductorripplesatthevoltageextremes(15V
VIN for buck and 2.5V VIN for boost) are:
∆IL P-P
( ) BUCK
(
) @
5
4.7µH
15
−5
15

 • 910ns=645mA
∆IL P-P
( ) BOOST
(
) @
2.5
4.7µH
5
−2.5
5

 • 910ns=242mA
One half of this inductor ripple current must be added to
the highest expected average inductor current in order to
select the proper saturation current rating for the inductor.
Programming the Output Voltage
The output voltage is set via the external resistive divider
comprisedofresistorsRTOPandRBOTasshowninFigure 4.
Theresistordividervaluesdeterminetheoutputregulation
voltage according to:
VOUT =0.795V• 1+
RTOP
RBOT


Programming the MPPC Voltage
The LTC3119 includes an MPPC function to optimize
performance when operating from current limited input
sources.UsinganexternalvoltagedividerfromVIN(referto
Figure 5), the MPPC function takes control of the average
inductor current when necessary to maintain a minimum
input voltage VMPPC, as programmed by the user.
VMPPC =0.798V• 1+
R5
R6


Thisisusefulforsuchapplicationsasphotovoltaicpowered
converters,sincethemaximumpowertransferpointoccurs
when the photovoltaic panel is operated at approximately
75%ofitsopen-circuitvoltage.Forexample,whenoperat-
ing from a photovoltaic panel with an open-circuit voltage
of10V,themaximumpowertransferpointwillbewhenthe
panel is loaded such that its output voltage is about 7.5V.
WhenusingtheMPPCfunction,theinputcapacitorshould
be sized between 100µF and 470µF. Resistor R6 should
be chosen between 50k and 250k. Lower values will result
in smaller undershoot of the MPPC tracking point during
line and load transient conditions, but will draw more
current from the input supply. For this example, a value
of 100k will be used.
R5
=
VMPPC
0.798V
−1

 •R6=
7.5
0.798
−1

 • 100kΩ
= 838kΩ @ 845kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com