Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3121 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3121
Description  15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3121 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3121 Datasheet HTML 9Page - Linear Technology LTC3121 Datasheet HTML 10Page - Linear Technology LTC3121 Datasheet HTML 11Page - Linear Technology LTC3121 Datasheet HTML 12Page - Linear Technology LTC3121 Datasheet HTML 13Page - Linear Technology LTC3121 Datasheet HTML 14Page - Linear Technology LTC3121 Datasheet HTML 15Page - Linear Technology LTC3121 Datasheet HTML 16Page - Linear Technology LTC3121 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC3121
13
3121fa
For more information www.linear.com/LTC3121
applicaTions inForMaTion
The inductor should have low DCR (series resistance of
the windings) to reduce the I2R power losses, and must be
able to support the peak inductor current without saturat-
ing. Molded chokes and most chip inductors usually do
not have enough core area to support the peak inductor
currents of 2A to 3A seen on the LTC3121. To minimize
radiated noise, use a shielded inductor.
See Table 1 for suggested components and suppliers
Table 1. Recommended Inductors
PART NUMBER
VALUE
(µH)
DCR
(mΩ)
ISAT
(A)
SIZE (mm)
W × L × H
Coilcraft XAL4020-222ME
Coilcraft XAL4030-332ME
Coilcraft XAL4030-472ME
Coilcraft XAL5050-682ME
Coilcraft XAL6060-223ME
Coilcraft MSS1260T-333ML
2.2
3.3
4.7
6.8
22
33
39
29
44
29
61
57
5.6
5.5
4.5
6.0
5.6
4.34
4.3 × 4.3 × 2.1
4.3 × 4.3 × 3.1
4.3 × 4.3 × 3.1
5.3 × 5.3 × 5.1
6.3 × 6.3 × 6.1
12.3 × 12.3 × 6.2
Coiltronics DR73-2R2-R
Coiltronics DR74-4R7-R
Coiltronics DR125-330-R
Coiltronics DR127-470-R
2.2
4.7
33
47
17
25
51
72
5.52
4.37
3.84
5.28
7.6 × 7.6 × 3.55
7.6 × 7.6 × 4.35
12.5 × 12.5 × 6
12.5 × 12.5 × 8
Sumida CDR7D28MNNP-2R2NC
Sumida CDR7D28MNNP-6R8NC
2.2
6.8
18
46
4.9
3.5
7.6 × 7.6 × 3
7.6 × 7.6 × 3
Taiyo-Yuden NR5040T3R3N
3.3
35
3.8
5 × 5 × 4
TDK LTF5022T-2R2N3R2-LC
TDK SPM6530T-3R3M
TDK VLP8040T-4R7M
2.2
3.3
4.7
40
30
25
3.2
6.8
4.4
5 × 5.2 × 2.2
7.1 × 6.5 × 3
8 × 7.7 × 4
Würth WE-PD7447789002
Würth WE-PD7447789003
Würth WE-PD7447789003
Würth WE-PD7447779006
Würth WE-HCI7443251000
Würth WE-PD744770122
Würth WE-PD744770133
Würth WE-PD7447709470
2.2
3.3
4.7
6.8
10
22
33
47
23
30
35
35
16
43
64
60
4.8
4.2
4.2
3.3
8.5
5
3.6
4.5
7.3 × 7.3 × 3.2
7.3 × 7.3 × 3.2
7.3 × 7.3 × 3.2
7.3 × 7.3 × 4.5
10 × 10 × 5
12 × 12 × 8
12 × 12 × 8
12 × 12 × 10
Output and Input Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used to minimize the output voltage ripple. Multilayer
ceramic capacitors are an excellent choice as they have
extremely low ESR and are available in small footprints.
X5R and X7R dielectric materials are preferred for their
ability to maintain capacitance over wide voltage and tem-
perature ranges. Y5V types should not be used. Although
ceramic capacitors are recommended, low ESR tantalum
capacitors may be used as well.
When selecting output capacitors, the magnitude of the
peak inductor current, together with the ripple voltage
specification, determine the choice of the capacitor. Both
the ESR (equivalent series resistance) of the capacitor and
the charge stored in the capacitor each cycle contribute
to the output voltage ripple.
The ripple due to the charge is approximately:
VRIPPLE(CHARGE) ≈
IP • VIN
COUT • VOUT • ƒ
where IP is the peak inductor current.
The ESR of COUT is usually the most dominant factor for
ripple in most power converters. The ripple due to the
capacitor ESR is:
VRIPPLE(ESR) =ILOAD • RESR •
VOUT
VIN
where RESR = capacitor equivalent series resistance.
Theinputfiltercapacitorreducespeakcurrentsdrawnfrom
the input source and reduces input switching noise. A low
ESR bypass capacitor with a value of at least 4.7µF should
be located as close to the VIN pin as possible.
Low ESR and high capacitance are critical to maintain low
output voltage ripple. Capacitors can be used in parallel
for even larger capacitance values and lower effective
ESR. Ceramic capacitors are often utilized in switching
converter applications due to their small size, low ESR and
low leakage currents. However, many ceramic capacitors
experience significant loss in capacitance from their rated
value with increased DC bias voltage. It is not uncommon
for a small surface mount capacitor to lose more than 50%
of its rated capacitance when operated near its rated volt-
age. As a result it is sometimes necessary to use a larger
capacitor value or a capacitor with a larger value and case
size, such as 1812 rather than 1206, in order to actually
realize the intended capacitance at the full operating volt-
age. Be sure to consult the vendor’s curve of capacitance
vs DC bias voltage. Table 2 shows a sampling of capacitors
suited for LTC3121 applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com