Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3122 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3122
Description  15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3122 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3122 Datasheet HTML 17Page - Linear Technology LTC3122 Datasheet HTML 18Page - Linear Technology LTC3122 Datasheet HTML 19Page - Linear Technology LTC3122 Datasheet HTML 20Page - Linear Technology LTC3122 Datasheet HTML 21Page - Linear Technology LTC3122 Datasheet HTML 22Page - Linear Technology LTC3122 Datasheet HTML 23Page - Linear Technology LTC3122 Datasheet HTML 24Page - Linear Technology LTC3122 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC3122
21
3122fa
For more information www.linear.com/LTC3122
Typical applicaTions
5V to Dual Output Synchronous Boost Converter, ±15V
OUTPUT CURRENT (mA)
0
–15.1
–15.0
–14.8
–14.6
–14.5
–14.9
–14.7
–14.4
–14.3
–14.2
–14.1
15.1
15.0
14.8
14.6
14.5
14.9
14.7
14.4
14.3
14.2
14.1
150
50
3122 TA06b
100
200
VOUT1
VOUT2
3122 TA06a
VIN
SD
PWM/SYNC
RT
VCC
VOUT
CAP
FB
VC
LTC3122
SGND
PGND
RC
365k
CC
150pF
SW
L1
3.3µH
R2
113k
Z1
R1
1.3M
CF
10pF
CVCC
4.7µF
C1
100nF
U1
C2
470nF
COUT1
22µF
COUT2
47µF
VOUT1
15V
VOUT2
–15V
RT
57.6k
VIN
5V
CIN
4.7µF
ON
OFF
CIN, CVCC: 4.7µF, 6.3V, X7R, 1206
COUT2: 47µF, 16V, X7R, 1206
C1: 100nF, 6.3V, X7R, 1206
COUT1: 22µF, 16V, X7R, 1812
C2: 470nF, 25V, X7R, 1206
L1: TDK SPM6530T-3R3M
U1: CENTRAL SEMICONDUCTOR CBAT54S
Z1: DIODES, INC. DDZ16ASF-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com