Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3130 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3130
Description  25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3130 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3130 Datasheet HTML 17Page - Linear Technology LTC3130 Datasheet HTML 18Page - Linear Technology LTC3130 Datasheet HTML 19Page - Linear Technology LTC3130 Datasheet HTML 20Page - Linear Technology LTC3130 Datasheet HTML 21Page - Linear Technology LTC3130 Datasheet HTML 22Page - Linear Technology LTC3130 Datasheet HTML 23Page - Linear Technology LTC3130 Datasheet HTML 24Page - Linear Technology LTC3130 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC3130/LTC3130-1
21
3130f
For more information www.linear.com/LTC3130
OPERATION
Figure 4. MPPC Amplifier with External Resistor Divider
LTC3130
1.0V
VC
CURRENT
COMMAND
VOLTAGE
ERROR AMP
3130 F04
MPPC
FB
R5
R6
RS
VSOURCE
CIN
VIN
VIN
+
–
+
–
+
–
nuisance trips of PGOOD due to short transients on VOUT.
PGOOD can be pulled up to any voltage, as long as the
absolute maximum rating of 25V is not exceeded, and
as long as the absolute maximum sink current rating of
12mA is not exceeded when PGOOD is low.
NotethatPGOODwillbedrivenlowifVCCisbelowitsUVLO
threshold or if the part is in shutdown (RUN below its logic
threshold). PGOOD is not affected by the accurate RUN
threshold. Therefore, if PGOOD is pulled up to VIN or VCC,
this will add to the VIN quiescent current in shutdown and
UVLO, when PGOOD is low. For the lowest possible VIN
current in shutdown or UVLO, PGOOD should be pulled
up to VOUT or some other source.
Maximum Power Point Control (MPPC)
The MPPC input of the LTC3130/LTC3130-1 can be used
with an optional external voltage divider to dynamically
adjust the commanded inductor current in order to main-
tain a minimum input voltage when using high resistance
sources, such as photovoltaic panels, so as to maximize
input power transfer and prevent VIN from dropping too
low under load.
Referring to Figure 4, the MPPC pin is internally connected
to the noninverting input of a gm amplifier, whose invert-
ing input is connected to the 1.0V reference. If the voltage
at MPPC, using the external voltage divider, falls below
the reference voltage, the output of the amplifier pulls
the internal VC node low. This reduces the commanded
average inductor current so as to reduce the input current
and regulate VIN to the programmed minimum voltage,
as given by:
VIN(MPPC) =1.00V • 1+
R5
R6


Note that external compensation should not be required
for MPPC loop stability if the input filter capacitor, CIN,
is at least 22µF.
The MPPC divider resistor values can be in the MΩ range
so as to minimize the input current in very low power ap-
plications. However, stray capacitance and noise pickup
on the MPPC pin must also be minimized. If the MPPC
functionisnotrequired,theMPPCpinshouldbetiedtoVCC.
Beware of adding a noise filter capacitor to the MPPC pin,
as the added filter pole may cause the MPPC control loop
to be unstable.
Note that because Burst Mode operation will be inhibited
if the MPPC loop takes control, the converter will be op-
erating in fixed frequency mode, and will therefore require
a minimum of about 6mA of continuous input current to
operate.Foroperationfromweakersources,suchassmall
indoor solar panels, refer to the Applications Information
section to see how the RUN pin may be programmed to
control the converter in a hysteretic manner while provid-
ing an effective MPPC function by maintaining VIN at the
desired voltage. This technique can be used with sources
as weak as 3µA (enough to power the IC in UVLO and the
external RUN divider).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com