Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF1007GS Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # SFF1007GS
Description  10.0 Ampere Insulated Series Connection Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SFF1007GS Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  SFF1007GS Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SFF1007GS Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
40
50
60
70
80
90
100
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 2/2
Rev.08T
(TA=25°C unless otherwise noted)
RATINGS AND CHARACTERISTICS CURVES
0
2
4
6
8
10
12
0
25
50
75
100
125
150
CASE TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTER OR
INDUCTIVE LOAD
WITH HEATSINK
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=100°C
TJ=25°C
TJ=75°C
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle
SFF1001GS/SFF1002GS/SFF1003GS/SFF1004GS
SFF1005GS/SFF1006GS
SFF1007GS/SFF1008GS
SFF1001GS/SFF1002GS/SFF1003GS/SFF1004GS
SFF1005GS/SFF1006GS/SFF1007GS/SFF1008GS
SFF1001GS thru SFF1008GS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com