Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636 Datasheet(PDF) 66 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD6636 Datasheet HTML 62Page - Analog Devices AD6636 Datasheet HTML 63Page - Analog Devices AD6636 Datasheet HTML 64Page - Analog Devices AD6636 Datasheet HTML 65Page - Analog Devices AD6636 Datasheet HTML 66Page - Analog Devices AD6636 Datasheet HTML 67Page - Analog Devices AD6636 Datasheet HTML 68Page - Analog Devices AD6636 Datasheet HTML 69Page - Analog Devices AD6636 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
AD6636
Rev. 0 | Page 66 of 72
<7:5>: AGC Word Length Control Bits. These bits define the
word length of the AGC output. The output word can be 4 to 8,
10, 12, or 16 bits wide. Table 41 shows the possible selections.
Table 41. AGC Word Length Control Bits
AGC Control Bits <7:5>
Output Word Length (Bits)
000
16
001
12
010
10
011
8
100
7
101
6
110
5
111
4
<4>: AGC Mode Bit. When this bit is set, the AGC operates to
maintain a desired signal level. When this bit is cleared, it
operates to maintain a constant clipping level. See the
Automatic Gain Control section for details about these modes.
<3>: AGC Sync Now Bit. This bit is used to synchronize a
particular AGC irrespective of the channel through the
programming ports (microport or serial port). When this bit is
set, the AGC block updates a new output sample (RSSI sample)
and starts working toward a new update sample.
<2>: Initialize on Sync Bit. This bit is used to determine whether
or not the AGC should initialize on a sync. When this bit is set,
during a synchronization the CIC filter is cleared and new
values for CIC decimation, number of averaging samples, CIC
scale, signal gain Gs’ gain K, and pole parameter P are loaded.
When Bit <2> = 0, the above-mentioned parameters are not
updated, and the CIC filter is not cleared. In both cases an AGC
update sample is output from the CIC filter and the decimator
starts operating towards the next output sample whenever a
sync occurs.
<1>: First Sync Only. This bit is used to ignore repetitive
synchronization signals. In some applications, the synchroniza-
tion signal occurs periodically. If this bit is cleared, each
synchronization request resynchronizes the AGC. If this bit is
set, only the first occurrence causes the AGC to synchronize
and updates the AGC gain values periodically, depending on the
decimation factor of the AGC CIC filter.
<0>: AGC Bypass Bit. When this bit is set, the AGC section is
bypassed. The N-bit representation from the interpolating half-
band filters is still reduced to a lower bit width representation as
set by Bits <7:5> of the AGC control register. A truncation at the
output of the AGC accomplishes this task.
AGC Hold-Off Register <15:0>
The AGC hold-off counter is loaded with the value written to
this address when either a soft sync or pin sync comes into the
channel. The counter begins counting down. When it reaches 1,
a sync is sent to the AGC. This sync might or might not
initialize the AGC, as defined by the control word. The AGC
loop is updated with a new sample from the CIC filter whenever
a sync occurs. If this register is Logic 1, the AGC is updated
immediately when the sync occurs. If this register Logic 0, the
AGC cannot be synchronized.
AGC Update Decimation <11:0>
This 12-bit register sets the AGC decimation ratio from 1 to
4096. An appropriate scaling factor should be set to avoid loss of
bits. The decimation ratio is given by the decimal value of the
AGC update decimation<11:0> register contents plus 1, that is,
12’0x000 describes a decimation ratio of 1, and 12’0xFFF
describes a decimation ratio of 4096.
AGC Signal Gain <11:0>
This register is used to set the initial value for a signal gain used
in the gain multiplier. This 12-bit value sets the initial signal
gain in the range of 0 dB and 96.296 dB in steps of 0.024 dB.
Initial signal gain (SG) in dB should be converted to a register
setting using the following formula:
Register Value = round
⎥
⎦
⎤
⎢
⎣
⎡
×256
)
2
(
log
20
10
SG
AGC Error Threshold <11:0>
This 12-bit register is the comparison value used to determine
which loop gain value (K1 or K2) to use for optimum operation.
When the magnitude-of-error signal is less than the AGC error
threshold value, then K1 is used; otherwise, K2 is used. The word
format of the AGC error threshold register is four bits to the left
of the binary point and eight bits to the right. See the Automatic
Gain Control section for details.
Register Value = round
⎥
⎦
⎤
⎢
⎣
⎡
×256
)
2
(
log
20
10
Threshold
Error
AGC Average Samples <5:0>
This 6-bit register contains the scale used for the CIC filter and
the number of power samples to be averaged before being sent
to the CIC filter.
<5:2>: CIC Scale. This 4-bit word defines the scale used for the
CIC filter. Each increment of this word increases the CIC scale
by 6.02 dB.
<1:0>: Number of AGC Average Samples. This defines the
number of samples to be averaged before they are sent to the
CIC decimating filter. See Table 42.
Table 42. Number of AGC Average Samples
AGC Average Samples <1:0>
Number of Samples Taken
00
1
01
2
10
3
11
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com