Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT122 Datasheet(PDF) 13 Page - CIT Relay & Switch

Part # AVHT122
Description  Illuminated Pushbutton - 22, 25, 28 & 30mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AVHT122 Datasheet(HTML) 13 Page - CIT Relay & Switch

Back Button AVHT122 Datasheet HTML 8Page - CIT Relay & Switch AVHT122 Datasheet HTML 9Page - CIT Relay & Switch AVHT122 Datasheet HTML 10Page - CIT Relay & Switch AVHT122 Datasheet HTML 11Page - CIT Relay & Switch AVHT122 Datasheet HTML 12Page - CIT Relay & Switch AVHT122 Datasheet HTML 13Page - CIT Relay & Switch AVHT122 Datasheet HTML 14Page - CIT Relay & Switch AVHT122 Datasheet HTML 15Page - CIT Relay & Switch AVHT122 Datasheet HTML 16Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 13
Illuminated Pushbutton
DH
Ø20.25
[.80]
1.24
[.05]
18°
Ø24.91
[.98]
1.82
[.07]
Ø24.94
[.98]
Ø28.00
[1.10]
1.98
[.08]
Ø21.71
[.85]
(23°)
Ø27.95
[1.10]
Ø27.95
[1.10]
1.98
[.08]
22mm Standard
22mm Flat
25mm Standard
25mm Flat
Ø31.90
[1.26]
Ø25.50
[1.00]
2.00
[.08]
Ø31.95
[1.26]
2.05
[.08]
Ø35.00
[1.38]
Ø29.00
[1.14]
2.10
[.08]
Ø34.92
[1.37]
2.00
[.08]
28mm Standard
28mm Flat
30mm Standard
30mm Flat
Bezel Detail
9.15
[.36]
10.35
[.41]
0.50 TYP
[.02]
2.80 TYP
[.11]
13.35
[.53]
7.35
[.29]
6.50
[.26]
DOT
Ø1.75 TYP
[.07]
7.50
[.30]
10.50
[.41]
12.90
[.51]
Quick Connect
Screw Terminal
Available on DH22 Single Pole only
Terminal Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com