Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT222 Datasheet(PDF) 4 Page - CIT Relay & Switch

Part # AVHT222
Description  Illuminated Pushbutton - 22, 25, 28 & 30mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AVHT222 Datasheet(HTML) 4 Page - CIT Relay & Switch

  AVHT222 Datasheet HTML 1Page - CIT Relay & Switch AVHT222 Datasheet HTML 2Page - CIT Relay & Switch AVHT222 Datasheet HTML 3Page - CIT Relay & Switch AVHT222 Datasheet HTML 4Page - CIT Relay & Switch AVHT222 Datasheet HTML 5Page - CIT Relay & Switch AVHT222 Datasheet HTML 6Page - CIT Relay & Switch AVHT222 Datasheet HTML 7Page - CIT Relay & Switch AVHT222 Datasheet HTML 8Page - CIT Relay & Switch AVHT222 Datasheet HTML 9Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Illuminated Pushbutton
page 4
DH
22mm - Actuator Styles, available in Single Pole only
M22x1.0
25.00
[.98]
28.87
[1.14]
Ø9.00
[.35]
ILLUMINATED
DOT
Ø24.91
[.98]
1.24
[.05]
25.70
[1.01]
9.00 MAX
[.35]
1.50
[.06]
25.55
[1.01]
9.15
[.36]
0.50 TYP
[.02]
9.00 MAX
[.35]
Ø25.04
[.99]
2.80 TYP
[.11]
8.95
[.35]
10.35
[.41]
Ø9.00
[.35]
ILLUMINATED
DOT
25.00
[.98]
28.87
[1.14]
M22x1.0
25.00
[.98]
28.87
[1.14]
24.91
[.98]
Ø18.00
[.71]
ILLUMINATED
RING
Ø9.68
[.38]
ILLUMINATED
SYMBOL
9.00 MAX
[.35]
1.24
[.05]
25.70
[1.01]
Ø13.73
[.54]
M22x1.0
C Non-Latching
C Non-Latching RGB
G Non-Latching
28.87
[1.14]
25.00
[.98]
Ø9.00
[.35]
ILLUMINATED
DOT
Ø24.91
[.98]
1.24
[.05]
30.70
[1.21]
13.50 MAX
[.53]
M22x1.0
28.87
[1.14]
25.00
[.98]
Ø24.91
[.98]
1.24
[.05]
30.70
[1.21]
13.50 MAX
[.53]
9.15
[.36]
8.95
[.35]
10.35
[.41]
0.50 TYP
[.02]
2.80 TYP
[.11]
Ø17.90
[.70]
ILLUMINATED
RING
Ø13.70
[.54]
M22x1.0
25.00
[.98]
28.87
[1.14]
Ø9.68
[.38]
ILLUMINATED
SYMBOL
Ø13.73
[.54]
Ø18.00
[.71]
ILLUMINATED
RING
24.91
[.98]
13.50 MAX
[.53]
1.24
[.05]
30.70
[1.21]
M22x1.0
C Latching
C Latching RGB
G Latching
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com