Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT116 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # AVHT116
Description  Illuminated Pushbutton - 16mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AVHT116 Datasheet(HTML) 1 Page - CIT Relay & Switch

  AVHT116 Datasheet HTML 1Page - CIT Relay & Switch AVHT116 Datasheet HTML 2Page - CIT Relay & Switch AVHT116 Datasheet HTML 3Page - CIT Relay & Switch AVHT116 Datasheet HTML 4Page - CIT Relay & Switch AVHT116 Datasheet HTML 5Page - CIT Relay & Switch AVHT116 Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Illuminated Pushbutton - 16mm
CH
1. Series
CH
2
L
B
N
R
B
12
CH
2. Number of Poles
1 = SPDT
2 = DPDT
3. Latching Option
N = Momentary
L = Latching
4. Actuator Style:
A = Flush, non-illuminated
B = Flush, ring illuminated
C = Flush, dot illuminated
D = Raised, non-illuminated
E = Raised, ring illuminated
F = Raised, dot illuminated
G = Flush, universal standby symbol illuminated
H = Raised, universal standby symbol illuminated
5. Switch Finish
S = Stainless Steel
N = Nickel Plated
B = Black Anodized Aluminum
G = Green Anodized Aluminum
R = Red Anodized Aluminum
U = Blue Anodized Aluminum
Y = Yellow Anodized Aluminum
6. First LED Color
Blank = No LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White**
O = Orange
7. Second LED Color
Blank = No LED
R = Red
Y = Yellow
G = Green
B = Blue
O = Orange
8. LED Voltage
Blank = No LED
6 = 6VDC
12 = 12VDC
24 = 24VDC
110 = 110VAC
220 = 220VAC
N = No internal resistor in series with the LED
9. Sealing Options
Blank = IP40, standard
S = IP65
Actuation Force
200 ±50gF
Actuation Travel
2.5 ± .3mm
Dielectric Strength
1000Vrms min contact to contact
1500Vrms min contact to LED
Insulation Resistance
≥ 100MΩ min
Operating Temperature -25ºC to 70ºC
Storage Temperature
-25ºC to 70ºC
Electrical Ratings
1A @ 24VDC
1A @ 125VAC
0.5A @ 250VAC
Sealing Degree
IP 40 or IP65
Electrical Life
30,000 cycles typical
Contact Resistance
≤ 50mΩ initial
Actuator & Body
Brass, Nickel Plated, Stainless Steel, Black Anodized Aluminum
LED Lens
Polycarbonate (PC)
Nut
Nickel Plated Brass
Terminal Support
Polybutylene Terephthalate (PBT)
Inner Switch Body
Polycarbonate (PC)
Contacts
Silver Alloy
Terminals
Tin Plated Brass
Materials
Ordering Information
Specifications
RoHS Compliant
**For bi-color LED option, White not available
1A @ 24VDC


Similar Part No. - AVHT116

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
AVHT116 CIT-AVHT116 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
More results

Similar Description - AVHT116

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
164EL11 MACOM-164EL11 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
logo
Tyco Electronics
2-1437569-0 MACOM-2-1437569-0 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-3 MACOM-2-1437569-3 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
CIT Relay & Switch
BH16NRSZ12 CIT-BH16NRSZ12 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com