Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPC16Y Datasheet(PDF) 4 Page - CIT Relay & Switch

Part # WPC16Y
Description  Illuminated Pushbutton - 16mm & 19mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WPC16Y Datasheet(HTML) 4 Page - CIT Relay & Switch

  WPC16Y Datasheet HTML 1Page - CIT Relay & Switch WPC16Y Datasheet HTML 2Page - CIT Relay & Switch WPC16Y Datasheet HTML 3Page - CIT Relay & Switch WPC16Y Datasheet HTML 4Page - CIT Relay & Switch WPC16Y Datasheet HTML 5Page - CIT Relay & Switch WPC16Y Datasheet HTML 6Page - CIT Relay & Switch WPC16Y Datasheet HTML 7Page - CIT Relay & Switch WPC16Y Datasheet HTML 8Page - CIT Relay & Switch WPC16Y Datasheet HTML 9Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 4
Illuminated Pushbutton - 19mm
BH
Dimensions
16mm - Actuator Styles, Illuminated
M16x1.0
21.80
[.86]
19.00
[.75]
ILLUMINATED
RING
17.90
[.70]
1.55
[.06]
1.20
[.05]
9.00 MAX
[.35]
19.25
[.76]
15.50
[.61]
[.47]
Ø10.50
[.47]
Ø11.90
M16x1.0
21.80
[.86]
19.00
[.75]
Ø11.90
[.47]
17.90
[.70]
1.55
[.06]
1.43
[.06]
Ø4.20
[.17]
ILLUMINATED DOT
9.00 MAX
[.35]
19.25
[.76]
M16x1.0
21.80
[.86]
19.00
[.75]
17.90
[.70]
1.55
[.06]
1.50
[.06]
ILLUMINATED
DOT
9.00 MAX
[.35]
19.25
[.76]
15.50
[.61]
[.47]
Ø11.90
[.17]
Ø4.20
J Style
K Style
L Style
M16x1.0
19.00
[.75]
17.90
[.70]
1.55
[.06]
R3.13
[.12]
ILLUMINATED SYMBOL
8.00 MAX
[.31]
15.50
[.61]
21.80
[.86]
ILLUMINATED
RING
[.47]
Ø11.90
G Style



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com