Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT216 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # AVHT216
Description  Illuminated Pushbutton - 16mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AVHT216 Datasheet(HTML) 2 Page - CIT Relay & Switch

  AVHT216 Datasheet HTML 1Page - CIT Relay & Switch AVHT216 Datasheet HTML 2Page - CIT Relay & Switch AVHT216 Datasheet HTML 3Page - CIT Relay & Switch AVHT216 Datasheet HTML 4Page - CIT Relay & Switch AVHT216 Datasheet HTML 5Page - CIT Relay & Switch AVHT216 Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 2
CH
Illuminated Pushbutton - 16mm
Dimensions
21.70
[.85]
19.00
[.75]
17.85
[.70]
Ø13.70
[.54]
12.00 MAX
[.47]
1.57
[.06]
30.00
[1.18]
5.65
[.22]
M16X1.0
21.70
[.85]
19.00
[.75]
17.85
[.70]
Ø13.70
[.54]
12.00 MAX
[.47]
1.57
[.06]
30.00
[1.18]
7.00
[.28]
5.65
[.22]
Ø12.00
[.47]
M16X1.0
ILLUMINATED RING
21.70
[.85]
19.00
[.75]
17.85
[.70]
Ø13.70
[.54]
12.00 MAX
[.47]
5.65
[.22]
7.00
[.28]
30.00
[1.18]
1.57
[.06]
Ø5.30
[.21]
M16X1.0
ILLUMINATED DOT
AB
C
21.70
[.85]
19.00
[.75]
17.85
[.70]
Ø11.80
[.46]
12.00 MAX
[.47]
1.57
[.06]
30.00
[1.18]
5.65
[.22]
2.46
[.10]
M16X1.0
21.70
[.85]
19.00
[.75]
Ø10.30
[.41]
17.85
[.70]
12.00 MAX
[.47]
1.57
[.06]
30.00
[1.18]
7.00
[.28]
5.65
[.22]
Ø12.00
[.47]
2.30
[.09]
M16X1.0
ILLUMINATED RING
21.70
[.85]
19.00
[.75]
17.85
[.70]
Ø11.90
[.47]
12.00 MAX
[.47]
1.57
[.06]
30.00
[1.18]
7.00
[.28]
5.65
[.22]
Ø5.30
[.21]
2.15
[.08]
M16X1.0
ILLUMINATED DOT
DE
F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com