Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT422 Datasheet(PDF) 9 Page - CIT Relay & Switch

Part # AVHT422
Description  Illuminated Pushbutton - 22, 25, 28 & 30mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AVHT422 Datasheet(HTML) 9 Page - CIT Relay & Switch

Back Button AVHT422 Datasheet HTML 5Page - CIT Relay & Switch AVHT422 Datasheet HTML 6Page - CIT Relay & Switch AVHT422 Datasheet HTML 7Page - CIT Relay & Switch AVHT422 Datasheet HTML 8Page - CIT Relay & Switch AVHT422 Datasheet HTML 9Page - CIT Relay & Switch AVHT422 Datasheet HTML 10Page - CIT Relay & Switch AVHT422 Datasheet HTML 11Page - CIT Relay & Switch AVHT422 Datasheet HTML 12Page - CIT Relay & Switch AVHT422 Datasheet HTML 13Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 9
Illuminated Pushbutton
DH
M30 X 1.5
2.80 X 0.50 TYP
[.11 X .02]
36.03
[1.42]
39.96
[1.57]
35.00
[1.38]
11.00 MAX
[.43]
30.10
[1.19]
9.30
[.37]
10.40
[.41]
Ø24.50
[.96]
21.40
[.84]
M30 X 1.5
LED TERMINAL
2.80 X 0.50 TYP
[.11 X .02]
36.03
[1.42]
39.96
[1.57]
Ø35.00
[1.38]
11.00 MAX
[.43]
30.10
[1.19]
9.30
[.37]
8.70
[.34]
10.40
[.41]
Ø19.50
[.77]
Ø24.50
[.96]
ILLUMINATED RING
21.40
[.84]
M30 X 1.5
LED TERMINAL
2.80 X 0.50 TYP
[.11 X .02]
36.03
[1.42]
39.96
[1.57]
Ø35.00
[1.38]
11.00 MAX
[.43]
30.10
[1.19]
9.30
[.37]
8.70
[.34]
10.40
[.41]
Ø9.26
[.36]
ILLUMINATED DOT
21.40
[.84]
A Non-Latching
B Non-Latching
C Non-Latching
39.96
[1.57]
36.03
[1.42]
Ø34.93
[1.38]
11.00 MAX
[.43]
32.60
[1.28]
9.30
[.37]
10.40
[.41]
24.05
[.95]
Ø24.50
[.96]
2.80 X 0.50 TYP
[.11 X .02]
M30 X 1.5
39.96
[1.57]
36.03
[1.42]
Ø34.93
[1.38]
32.60
[1.28]
11.00 MAX
[.43]
9.30
[.37]
10.40
[.41]
24.05
[.95]
8.70
[.34]
Ø19.50
[.77]
Ø24.50
[.96]
ILLUMINATED RING
LED TERMINAL
2.80 X 0.50 TYP
[.11 X .02]
M30 X 1.5
36.03
[1.42]
39.96
[1.57]
Ø34.93
[1.38]
32.60
[1.28]
11.00 MAX
[.43]
9.30
[.37]
8.70
[.34]
10.40
[.41]
24.05
[.95]
Ø9.26
[.36]
ILLUMINATED DOT
LED TERMINAL
2.80 X 0.50 TYP
[.11 X .02]
M30 X 1.5
A Latching
B Latching
C Latching
30mm - Actuator Styles, available in Single Pole & Double Pole
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com