Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT116 Datasheet(PDF) 6 Page - CIT Relay & Switch

Part # AVHT116
Description  Illuminated Pushbutton - 16mm & 19mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AVHT116 Datasheet(HTML) 6 Page - CIT Relay & Switch

Back Button AVHT116 Datasheet HTML 2Page - CIT Relay & Switch AVHT116 Datasheet HTML 3Page - CIT Relay & Switch AVHT116 Datasheet HTML 4Page - CIT Relay & Switch AVHT116 Datasheet HTML 5Page - CIT Relay & Switch AVHT116 Datasheet HTML 6Page - CIT Relay & Switch AVHT116 Datasheet HTML 7Page - CIT Relay & Switch AVHT116 Datasheet HTML 8Page - CIT Relay & Switch AVHT116 Datasheet HTML 9Page - CIT Relay & Switch AVHT116 Datasheet HTML 10Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 6
BH
Illuminated Pushbutton - 16mm & 19mm
16mm - Terminal Options
[.10]
6.00
[.24]
3.75
[.15]
4.00
[.16]
Ø2.60
4.25
[.17]
3.60
[.14]
9.40
[.37]
8.50
[.33]
4.25
[.17]
8.70
[.34]
8.50
[.33]
9.40
[.37]
2.00
[.08]
0.50
[.02]
Screw Terminals
Solder Lug
Quick Connect
9.40
[.37]
7.00
[.28]
3.50
[.14]
3.50
[.14]
2.75
[.11]
8.70
[.34]
3.50
[.14]
2.75
[.11]
7.00
[.28]
9.40
[.37]
RGB Solder Lug
RGB Quick Connect



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com