Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT316 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # AVHT316
Description  Illuminated Pushbutton - 16mm & 19mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AVHT316 Datasheet(HTML) 2 Page - CIT Relay & Switch

  AVHT316 Datasheet HTML 1Page - CIT Relay & Switch AVHT316 Datasheet HTML 2Page - CIT Relay & Switch AVHT316 Datasheet HTML 3Page - CIT Relay & Switch AVHT316 Datasheet HTML 4Page - CIT Relay & Switch AVHT316 Datasheet HTML 5Page - CIT Relay & Switch AVHT316 Datasheet HTML 6Page - CIT Relay & Switch AVHT316 Datasheet HTML 7Page - CIT Relay & Switch AVHT316 Datasheet HTML 8Page - CIT Relay & Switch AVHT316 Datasheet HTML 9Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 2
BH
Illuminated Pushbutton - 16mm & 19mm
1. Series
BH16
N
R
S
Z
12
BH16 = 16mm
BH19 = 19mm
2. Bezel Style
Blank = Standard Bezel
H = Straight Bezel
3. Switch Function
N = Momentary
4. Actuator Style:
F = Flush
M = Round
R = Raised
B = Flush, ring illuminated *Available in 16mm only, see AH for 19mm illuminated
C = Flush dot illuminated *Available in 16mm only, see AH for 19mm illuminated
E = Raised, ring illuminated *Available in 16mm only, see AH for 19mm illuminated
G = Flush, international stand-by symbol illuminated
J = Round, ring illuminated *Available in 16mm only, see AH for 19mm illuminated
K = Round, dot illuminated *Available in 16mm only, see AH for 19mm illuminated
L = Raised, dot illuminated *Available in 16mm only, see AH for 19mm illuminated
5. Switch Finish:
B = Black anodized aluminum
G = Green anodized aluminum
N = Nickel plated brass
P = Gold plated brass
R = Red anodized aluminum
S = Brushed stainless steel
U = Blue anodized aluminum
Y = Yellow anodized aluminum
6. Terminal Options
B = Solder Lugs
C = Quick Connect Terminal
Z = Screw Terminal *not available with illuminated option
7. LED Color ** Only available in 16mm diameter
X = No LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White
O = Orange
RO = Red / Orange dual LED
RY = Red / Yellow dual LED
RG = Red / Green dual LED
RB = Red / Blue dual LED
OY = Orange / Yellow dual LED
OG = Orange / Green dual LED
OB = Orange / Blue dual LED
YG = Yellow / Green dual LED
YB = Yellow / Blue dual LED
GB = Green / Blue dual LED
RGB = Red / Green / Blue
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com