Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J115F2 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # J115F2
Description  UL F class rated standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J115F2 Datasheet(HTML) 2 Page - CIT Relay & Switch

  J115F2 Datasheet HTML 1Page - CIT Relay & Switch J115F2 Datasheet HTML 2Page - CIT Relay & Switch J115F2 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
J115F2
page 2
General Data*
Ordering Information
1. Series
J115F2
1C
12VDC
S
.9
J115F2
2. Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
3. Profile
Blank = Standard
L = Low profile
4. Coil Voltage
5VDC
9VDC
12VDC
24VDC
48VDC
110VDC
12VAC
24VAC
110VAC
120VAC
220VAC
240VAC
277VAC
5. Sealing Option
S = Sealed (standard)
N = No cover
6. Coil Power
.9 = .9W
.6 = .6W
Blank = 2VA (AC Coil)
7. Contact Material
Blank = AgSnO2
U = AgSnO2In2O3
Electrical Life @ rated load
100K cycles, average
Mechanical Life
10M cycles, average
Insulation Resistance
1000M Ω min. @ 500VDC initial
Dielectric Strength, Coil to Contact
2500V rms min. @ sea level initial
Contact to Contact
1500V rms min. @ sea level initial
Shock Resistance
200m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
-55oC to +125oC
Storage Temperature
-55oC to +155oC
Solderability
260oC for 5 s
Weight
35g
* Values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. It is recommended to test actual load conditions for the
application. It is the user’s responsibility to determine the performance suitability for their specific application. The use of any coil voltage less than the rated coil voltage may compromise
the operation of the relay.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com