Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT425 Datasheet(PDF) 6 Page - CIT Relay & Switch

Part # AVHT425
Description  Illuminated Pushbutton - 22, 25, 28 & 30mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AVHT425 Datasheet(HTML) 6 Page - CIT Relay & Switch

Back Button AVHT425 Datasheet HTML 2Page - CIT Relay & Switch AVHT425 Datasheet HTML 3Page - CIT Relay & Switch AVHT425 Datasheet HTML 4Page - CIT Relay & Switch AVHT425 Datasheet HTML 5Page - CIT Relay & Switch AVHT425 Datasheet HTML 6Page - CIT Relay & Switch AVHT425 Datasheet HTML 7Page - CIT Relay & Switch AVHT425 Datasheet HTML 8Page - CIT Relay & Switch AVHT425 Datasheet HTML 9Page - CIT Relay & Switch AVHT425 Datasheet HTML 10Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 6
Illuminated Pushbutton
DH
25mm - Actuator Styles, available in Single Pole & Double Pole
Dimensions
M25x1.0
2.80 X 0.50 TYP
[.11 X .02]
28.00
[1.10]
32.05
[1.26]
Ø28.00
[1.10]
1.98
[.08]
11.50 MAX
[.45]
27.65
[1.09]
9.53
[.38]
10.52
[.41]
M25x1.0
28.00
[1.10]
32.05
[1.26]
Ø15.60
[.61]
Ø19.78
[.78]
ILLUMINATED RING
2.80 TYP
[.11]
0.50 TYP
[.02]
11.50 MAX
[.45]
Ø28.00
[1.10]
1.98
[.08]
27.65
[1.09]
9.53
[.38]
10.52
[.41]
M25x1.0
28.00
[1.10]
32.05
[1.26]
Ø9.00
[.35]
ILLUMINATED DOT
Ø28.00
[1.10]
11.50 MAX
[.45]
1.98
[.08]
27.65
[1.09]
9.53
[.38]
0.52
[.41]
2.80 TYP
[.11]
0.50 TYP
[.02]
A Non-Latching
B Non-Latching
C Non-Latching
M25x1.0
2.80 X 0.50 TYP
[.11 X .02]
28.00
[1.10]
32.05
[1.26]
Ø27.87
[1.10]
13.50 MAX
[.53]
1.98
[.08]
29.97
[1.18]
9.53
[.38]
10.52
[.41]
M25x1.0
13.50 MAX
[.53]
Ø27.87
[1.10]
28.00
[1.10]
32.05
[1.26]
9.53
[.38]
10.52
[.41]
29.97
[1.18]
1.98
[.08]
2.80 TYP
[.11]
0.50 TYP
[.02]
Ø19.78
[.78]
ILLUMINATED RING
Ø15.60
[.61]
M25x1.0
Ø27.87
[1.10]
28.00
[1.10]
32.05
[1.26]
13.50 MAX
[.53]
10.52
[.41]
9.53
[.38]
29.97
[1.18]
1.98
[.08]
2.80 TYP
[.11]
0.50 TYP
[.02]
Ø9.00
[.35]
ILLUMINATED RING
A Latching
B Latching
C Latching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com