Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT119 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # AVHT119
Description  Illuminated Pushbutton - 16mm & 19mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AVHT119 Datasheet(HTML) 1 Page - CIT Relay & Switch

  AVHT119 Datasheet HTML 1Page - CIT Relay & Switch AVHT119 Datasheet HTML 2Page - CIT Relay & Switch AVHT119 Datasheet HTML 3Page - CIT Relay & Switch AVHT119 Datasheet HTML 4Page - CIT Relay & Switch AVHT119 Datasheet HTML 5Page - CIT Relay & Switch AVHT119 Datasheet HTML 6Page - CIT Relay & Switch AVHT119 Datasheet HTML 7Page - CIT Relay & Switch AVHT119 Datasheet HTML 8Page - CIT Relay & Switch AVHT119 Datasheet HTML 9Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Illuminated Pushbutton - 16mm & 19mm
BH
Actuation Force 16mm 500 ± 100gF
19mm 550 ± 100gF
Actuation Travel 16mm 1.6 ± .25mm
19mm 2.0 ± .25mm
Insulation Resistance
≥ 100MΩ min
Operating Temperature -25ºC to 55ºC
Storage Temperature
-25ºC to 55ºC
Electrical Ratings
2A @ 36VDC
1A @ 125VAC
0.5A @ 250VAC
Sealing Degree
IP65
Electrical Life
50,000 cycles typical
Contact Resistance
≤ 50mΩ initial
Dielectric Strength
2000Vrms min contact to contact
2000Vrms min contact to LED
Actuator
Stainless Steel or Nickel Plated Brass or Gold Plated Brass, Aluminum
LED Lens
Polycarbonate (PC)
Threaded Body
Stainless Steel or Nickel Plated Brass or Gold Plated Brass, Aluminum
Terminal Support
Polybutylene Terephthalate (PBT)
Contacts
Silver Alloy
Terminals
Brass, Epoxy Sealed
Hardware
One Hex Nut & One “O” Ring Supplied
Materials
Specifications
RoHS Compliant
Specifications
S
Sifi
ti


Similar Part No. - AVHT119

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
AVHT116 CIT-AVHT116 Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
More results

Similar Description - AVHT119

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
164EL11 MACOM-164EL11 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-0 MACOM-2-1437569-0 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-3 MACOM-2-1437569-3 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
CIT Relay & Switch
AH1NAS CIT-AH1NAS_17 Datasheet
313Kb / 5P
Illuminated Pushbutton - 19mm
CH2LBNRB12 CIT-CH2LBNRB12 Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com