Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J107F1CS209VDC.36 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # J107F1CS209VDC.36
Description  UL F class rated standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J107F1CS209VDC.36 Datasheet(HTML) 1 Page - CIT Relay & Switch

  J107F1CS209VDC.36 Datasheet HTML 1Page - CIT Relay & Switch J107F1CS209VDC.36 Datasheet HTML 2Page - CIT Relay & Switch J107F1CS209VDC.36 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
RoHS Compliant
J107F
19.0 x 15.5 x 15.3 mm
Features
E197851
•
UL F class rated standard
•
Small size and light weight
•
PC board mounting
•
UL/CUL certified
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
2500VA, 420W
Maximum Switching Voltage
380VAC, 110VDC
Maximum Switching Current
20A
Contact Rating 20A Contact 20A @ 16VDC / 125VAC gp
10A @ 250VAC general purpose
1/3hp @ 125VAC / 277VAC
20A Contact N.O. 10A @ 250VAC 85C, 100K cycles general purpose
15A Contact 15A @ 125VAC general purpose
6A @ 277VAC general purpose
15A Contact N.O. 15A @ 125VAC resistive, 30K cycles
4FLA, 40LRA @ 24VDC DC motor, 1000 cycles
12A Contact 12A @ 125VAC general purpose
12A @ 28VDC general purpose
Contact Data*
Electrical Life @ rated load
100K cycles, average
Mechanical Life
10M cycles, average
Insulation Resistance
100M Ω min. @ 500VDC initial
Dielectric Strength, Coil to Contact
1500V rms min. @ sea level initial
Contact to Contact
750V rms min. @ sea level initial
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Operating Temperature
-55oC to +125oC
Storage Temperature
-55oC to +155oC
Solderability
260oC for 5 s
Weight
9.5g
Coil Data*
General Data*
* Values can change due to the switching frequency, desired re-
liability levels, environmental conditions and in-rush load levels. It
is recommended to test actual load conditions for the application.
It is the user’s responsibility to determine the performance suit-
ability for their specific application. The use of any coil voltage
less than the rated coil voltage may compromise the operation
of the relay.
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
.36W
.45W
.80W
3
3.9
25
20
11
2.25
.3
.36
.45
.80
10
5
5
6.5
70
56
31
3.75
.5
9
11.7
225
180
101
6.75
.9
12
15.6
400
320
180
9.00
1.2
24
31.2
1600
1280
720
18.00
2.4
48
62.4
6400
5120
2880
36.00
4.8


Similar Part No. - J107F1CS209VDC.36

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J107F1CS209VDC CIT-J107F1CS209VDC Datasheet
162Kb / 2P
CIT SWITCH
More results

Similar Description - J107F1CS209VDC.36

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0675 BULGIN-PX0675 Datasheet
102Kb / 1P
EN60 320-2-2 Standard Sheet F Class I
PX0695 BULGIN-PX0695 Datasheet
103Kb / 1P
EN60 320-2-2 Standard Sheet F Class I
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
Meets requirements of UL Class F construction
T7C TEC-T7C Datasheet
595Kb / 3P
UL Class F coil insulation system
logo
CIT Relay & Switch
J109F CIT-J109F Datasheet
90Kb / 3P
UL F class rated standard
J115F1 CIT-J115F1 Datasheet
190Kb / 3P
UL F class rated standard
J115F2 CIT-J115F2 Datasheet
176Kb / 3P
UL F class rated standard
J115F3 CIT-J115F3 Datasheet
171Kb / 3P
UL F class rated standard
J117F CIT-J117F Datasheet
92Kb / 3P
UL F class rated standard
J123F CIT-J123F Datasheet
130Kb / 2P
UL F class rated standard
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com