Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC78H89 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC78H89
Description  7-Channel, 500 KSPS, 12-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC78H89 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC78H89 Datasheet HTML 8Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 9Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 10Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 11Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 12Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 13Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 14Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 15Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Applications Information (Continued)
TABLE 1. Control Register Bits
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DONTC
DONTC
ADD2
ADD1
ADD0
DONTC
DONTC
DONTC
Control Register Bit Descriptions
Bit #:
Symbol:
Description
7, 6, 2, 1, 0
DONTC
Don’t care. The value of this bit does not affect the device.
5
ADD2
These three bits determine which input channel will be sampled and
converted on the next falling edge of CS. The mapping between codes and
channels is shown in Table 2.
4
ADD1
3
ADD0
TABLE 2. Input Channel Selection
ADD2
ADD1
ADD0
Input Channel
0
0
0
AIN1 (Default)
0
0
1
AIN2
0
1
0
AIN3
0
1
1
AIN4
1
0
0
AIN5
1
0
1
AIN6
1
1
0
AIN7
1
1
1
GND
2.0 ADC78H89 OPERATION
The ADC78H89 is a successive-approximation analog-to-
digital converter designed around a charge-redistribution
digital-to-analog converter. Simplified schematics of the
ADC78H89 in both track and hold modes are shown in
Figure 2 and Figure 3, respectively. In Figure 2, the
ADC78H89 is in track mode: switch SW1 connects the sam-
pling capacitor to one of seven analog input channels
through the multiplexer, and SW2 balances the comparator
inputs. The ADC78H89 is in this state for the first three SCLK
cycles after CS is brought low.
The user does not need to worry about any kind of power-up
delays or dummy conversions with the ADC78H89. The part
is able to acquire input to full resolution in the first conversion
immediately following power-up. The first conversion after
power up will be that of the first channel.
Figure 3 shows the ADC78H89 in hold mode: switch SW1
connects the sampling capacitor to ground, maintaining the
sampled voltage, and switch SW2 unbalances the compara-
tor. The control logic then instructs the charge-redistribution
DAC to add or subtract fixed amounts of charge from the
sampling capacitor until the comparator is balanced. When
the comparator is balanced, the digital word supplied to the
DAC is the digital representation of the analog input voltage.
The ADC78H89 is in this state for the last thirteen SCLK
cycles after CS is brought low.
20061609
FIGURE 2. ADC78H89 in Track Mode
20061610
FIGURE 3. ADC78H89 in Hold Mode
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com