Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA13621 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13621
Description  ~11째 spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13621 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13621 Datasheet HTML 1Page - Ledil, Inc. CA13621 Datasheet HTML 2Page - Ledil, Inc. CA13621 Datasheet HTML 3Page - Ledil, Inc. CA13621 Datasheet HTML 4Page - Ledil, Inc. CA13621 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA13621_G2-NIS83-MX-2-RS
G2-NIS83-MX-2-RS
~11° spot beam optimized for Nichia NS6x83. G2
assembly with light, white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6*21.6 mm
Height
13.5 mm
Fastening
tape
Colour
white
Box size
451 x 254 x 152 mm
Box weight
6.2 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-RS
Lens
PMMA
clear
ROSE-LT-HLD-N83-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 05/01/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA13621

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13620 LEDIL-CA13620 Datasheet
2Mb / 5P
~15째 smooth spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA13622 LEDIL-CA13622 Datasheet
2Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
logo
Cree, Inc
CA13623 CREE-CA13623 Datasheet
150Kb / 3P
Rose series
logo
Ledil, Inc.
CA13623 LEDIL-CA13623 Datasheet
2Mb / 4P
~25째 medium beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA13623 LEDIL-CA13623_18 Datasheet
2Mb / 4P
~25째 medium beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
More results

Similar Description - CA13621

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10595 LEDIL-CA10595 Datasheet
2Mb / 4P
~11째 spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA10608 LEDIL-CA10608 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA10609 LEDIL-CA10609 Datasheet
2Mb / 4P
~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA10610 LEDIL-CA10610 Datasheet
2Mb / 4P
~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA12124 LEDIL-CA12124 Datasheet
4Mb / 4P
~11째 spot beam optimized for Nichia NS6x83. Assembly with black holder.
CA13619 LEDIL-CA13619 Datasheet
1Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA13620 LEDIL-CA13620 Datasheet
2Mb / 5P
~15째 smooth spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA13623 LEDIL-CA13623_18 Datasheet
2Mb / 4P
~25째 medium beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
FA10336 LEDIL-FA10336 Datasheet
2Mb / 4P
~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FCA10934 LEDIL-FCA10934 Datasheet
1Mb / 3P
~11째 spot beam optimized for Nichia NJSx036. Assembly with white holder.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com