Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 9Page - Linear Technology LTC3370 Datasheet HTML 10Page - Linear Technology LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3370
13
3370fb
For more information www.linear.com/LTC3370
block DiagraM
PGOOD LOGIC
BUCK REGULATOR 1
CONTROL
BANDGAP
UVLO
SD
4 PGOOD
VINB
MODE
31
EN1
32
FB1
OSCILLATOR
27
RT
29
VCC
28
PLL/MODE
14
PGOODALL
CLK
REF
OT
UV
MODE
BUCK REGULATOR 2
CONTROL
VIND
10
FB2
9
EN2
BUCK REGULATOR 3
CONTROL
VINE
15
FB3
16
EN3
BUCK REGULATOR 4
CONTROL
1A POWER
STAGE H
VING
C2
CONFIGURATION LINES
26
EN4
25
FB4
SD
REF
CLK
4
12
C1
11
C3
GND
(EXPOSED PAD)
SWH
3370 BD
VINH
13
33
23
24
1A POWER
STAGE G
SWG
VING
22
21
1A POWER
STAGE F
SWF
VINF
19
20
1A POWER
STAGE E
SWE
VINE
18
17
1A POWER
STAGE D
SWD
VIND
7
8
1A POWER
STAGE C
SWC
VINC
6
5
1A POWER
STAGE B
SWB
VINB
3
4
1A POWER
STAGE A
TEMP
MONITOR
SWA
VINA
2
1
TEMP
30
4
C3
C2
C1
BUCK1 BUCK2 BUCK3 BUCK4
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
2A
3A
3A
4A
3A
4A
4A
4A
2A
1A
1A
1A
2A
–
–
–
2A
2A
1A
1A
–
2A
1A
–
2A
2A
3A
2A
3A
2A
3A
4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com