Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3636 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3636
Description  Dual Channel 6A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3636 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3636 Datasheet HTML 17Page - Linear Technology LTC3636 Datasheet HTML 18Page - Linear Technology LTC3636 Datasheet HTML 19Page - Linear Technology LTC3636 Datasheet HTML 20Page - Linear Technology LTC3636 Datasheet HTML 21Page - Linear Technology LTC3636 Datasheet HTML 22Page - Linear Technology LTC3636 Datasheet HTML 23Page - Linear Technology LTC3636 Datasheet HTML 24Page - Linear Technology LTC3636 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3636/LTC3636-1
21
3636fb
For more information www.linear.com/LTC3636
A standard value of 0.33µH should work well here. Solv-
ing the same equation for channel 2 results in a 0.47µH
inductor.
COUT will be selected based on the charge storage require-
ment. For a VDROOP of 90mV for a 6A load step:
COUT1 ≈
3 • ΔIOUT
f • VDROOP
=
3 • (6A)
(2MHz)(90mV)
= 100µF
Two 47µF ceramic capacitor should be used for channel 1.
Solving the same equation for channel 2 (using 5% of
VOUT for VDROOP) results in 55µF of capacitance (47µF is
the closest standard value).
CIN should be sized for a maximum current rating of:
IRMS = 6A
1.8V 13.2V − 1.8V
(
)
13.2V
= 2.1A
APPLICATIONS INFORMATION
Solving this equation for channel 2 results in an RMS
input current of 2.8A. Decoupling each VIN input with
a 47µF ceramic capacitor should be adequate for most
applications.
Lastly, the feedback resistors must be chosen. Picking
R1 and R3 to be 13.7k, R2 and R4 are calculated to be:
R2 = (13.7k) •
1.8V
0.6V
– 1
⎛
⎝
⎜
⎞
⎠
⎟ = 27.4k
R4 = (13.7k) •
3.3V
0.6V
– 1
⎛
⎝
⎜
⎞
⎠
⎟ = 61.9k
The final circuit is shown in Figure 8.
RUN1
RUN2
RT
TRACKSS2
PGOOD2
LTC3636/
LTC3636-1
GND
TMON
BOOST2
3636 F08
0.1µF
L2
0.68µH
SW2
VIN2 VIN1
VFB2
TRACKSS1
PGOOD1
BOOST1
SW1
VFB1
COUT2
47µF
VOUT2
3.3V AT 6A
0.1µF
L1
0.33µH
R1
13.7k
COUT1
47µF
×2
VOUT1
1.8V AT 6A
VIN
12V
CIN
47µF
×2
R5
162k
R2
27.4k
R3
13.7k
R4
61.9k
RCOMP1
11k
CBYP1
10pF
CCOMP1
330pF
CF1
33pF
CF2
22pF
MODE/SYNC
ITH1
RCOMP2
10.5k
CBYP2
10pF
CCOMP2
220pF
ITH2
INTVCC
C2
4.7µF
Figure 8. Design Example Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com