Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7124 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC7124
Description  17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7124 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC7124 Datasheet HTML 9Page - Linear Technology LTC7124 Datasheet HTML 10Page - Linear Technology LTC7124 Datasheet HTML 11Page - Linear Technology LTC7124 Datasheet HTML 12Page - Linear Technology LTC7124 Datasheet HTML 13Page - Linear Technology LTC7124 Datasheet HTML 14Page - Linear Technology LTC7124 Datasheet HTML 15Page - Linear Technology LTC7124 Datasheet HTML 16Page - Linear Technology LTC7124 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC7124
13
7124fa
For more information www.linear.com/LTC7124
error signal used by the regulator to return VOUT to its
steady-state value. During this recovery time, VOUT can
be monitored for overshoot or ringing that would indicate
a stability problem.
The initial output voltage step may not be within the
bandwidth of the feedback loop, so the standard second
order overshoot/DC ratio cannot be used to determine
phase margin. The addition of a feedforward capacitor
can improve the high frequency response, by providing
a phase lead due to the creation of a high frequency zero
with R1 in Figure 1.
The stability of the closed-loop system will determine
the output voltage settling behavior. LTpowerCAD® and
LTspice® can be used to check control loop and transient
performance.
Insomeapplications,amoreseveretransientcanbecaused
by switching in loads with large (>1µF) load capacitors.
The discharged load capacitors are effectively put in paral-
lel with COUT, causing a rapid drop in VOUT. No regulator
can deliver enough current to prevent this problem if
the switch connecting the load has low resistance and is
driven quickly. The solution is to limit the turn-on speed of
the load switch driver. A Hot Swap controller is designed
specifically for this purpose and usually incorporates
current limiting, short-circuit protection and soft-starting.
Input Capacitor (CIN) Selection
The input capacitance, CIN, filters the square wave current
at the drain of the top power MOSFET. To prevent large
voltagetransientsfromoccurring,alowESRinputcapacitor
sized for the maximum RMS current is recommended. The
maximum RMS current is given by:
IRMS =IOUT(MAX) •
VOUT • VIN − VOUT
(
)
VIN
This formula has a maximum at VIN = 2VOUT where
IRMS =
IOUT
2
This simple worst-case condition is commonly used for
design because even significant deviations do not offer
much relief. Note that ripple current ratings from capacitor
manufacturers are often based on only 2000 hours of life,
which makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to meet
sizeorheightrequirementsinthedesign.Forlowinputvolt-
ageapplications,sufficientbulkinputcapacitanceisneeded
to minimize transient effects during output load changes.
Output Capacitor (COUT) Selection
The selection of COUT is determined by the effective series
resistance(ESR)thatisrequiredtominimizevoltageripple
and load step transients as well as the amount of bulk
capacitance that is necessary to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response. The output ripple ΔVOUT is
approximated by:
ΔVOUT < ΔIL • ESR+
1
8 • f •COUT
⎛
⎝⎜
⎞
⎠⎟
The output ripple is highest at maximum input voltage
since ΔIL increases with input voltage. Multiple capacitors
placed in parallel may be needed to meet the ESR and
RMS current handling requirement. Dry tantalum, special
polymer,aluminumelectrolytic,andceramiccapacitorsare
all available in surface mount packages. Special polymer
capacitors are very low ESR but have lower capacitance
density than other types. Tantalum capacitors have the
highest capacitance density but it is important to only
use types that have been surge tested for use in switch-
ing power supplies. Aluminum electrolytic capacitors have
significantly higher ESR but can be used in cost sensitive
applications provided that consideration is given to ripple
currentratingsandlong-termreliability.Ceramiccapacitors
haveexcellentlowESRcharacteristicsandsmallfootprints.
When using low-ESR ceramic capacitors, the output
capacitor value should be chosen to fulfill a charge storage
requirement. During load step, the output capacitor must
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough
to support the load. The time required for the feedback
loop to respond is dependent on the compensation and
the output capacitor size. Typically, 3 to 4 cycles are
required to respond to a load step, but only in the first cycle
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com