Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF8958CSLA Datasheet(PDF) 1 Page - Anachip Corp

Part # AF8958CSLA
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF8958CSLA Datasheet(HTML) 1 Page - Anachip Corp

  AF8958CSLA Datasheet HTML 1Page - Anachip Corp AF8958CSLA Datasheet HTML 2Page - Anachip Corp AF8958CSLA Datasheet HTML 3Page - Anachip Corp AF8958CSLA Datasheet HTML 4Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AF8958C
P & N-Channel 30-V (D-S) MOSFET
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Jul 16, 2004
1/4
Features
-Low rDS(on) Provides Higher Efficiency and Extends
Battery Life
-Miniature SO-8 Surface Mount Package Saves
Board Space
-High power and current handling capability
-Low
side
high
current
DC-DC
Converter
applications
Product Summary
VDS (V)
rDS(on) (mΩ)
ID (A)
40@VGS=4.5V
6.0
30
28@VGS=10V
7.0
80@VGS=-4.5V
-4.0
-30
52@VGS=-10V
-5.2
Pin Assignments
SOP-8
5
6
7
8
4
3
2
1
D1
D1
D2
D2
S1
G1
S2
G2
General Description
These miniature surface mount MOSFETs utilize
High Cell Density process.
Low rDS(on) assures
minimal power loss and conserves energy, making
this device ideal for use in power management
circuitry.
Typical applications are PWM DC-DC
converters, power management in portable and
battery-powered
products
such
as
computers,
printers, battery charger, telecommunication power
system, and telephones power system.
Pin Descriptions
Pin Name
Description
S1
Source (NMOS)
G1
Gate (NMOS)
D1
Drain (NMOS)
S2
Source (PMOS)
G2
Gate (PMOS)
D2
Drain (PMOS)
Ordering information
AX 8958C X X X
PN
Package
Feature
F :MOSFET
S: SOP-8
Lead Free
Blank : Normal
L : Lead Free Package
Packing
Blank : Tube or Bulk
A : Tape & Reel


Similar Part No. - AF8958CSLA

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AF8 ALTECH-AF8 Datasheet
372Kb / 1P
30 mm Non-Illuminated Flush Momentary Metal Operator AFx
logo
ABB
AF80-30-00-11 ABB-AF80-30-00-11 Datasheet
54Kb / 3P
AF80-30-00-11 24-60V50/60HZ 20-60VDC Contactor
AF80-30-00-13 ABB-AF80-30-00-13 Datasheet
54Kb / 3P
AF80-30-00-13 100-250V50/60HZ-DC Contactor
AF80-30-00-14 ABB-AF80-30-00-14 Datasheet
54Kb / 3P
AF80-30-00-14 250-500V50/60HZ-DC Contactor
AF80-30-11-11 ABB-AF80-30-11-11 Datasheet
56Kb / 3P
AF80-30-11-11 24-60V50/60HZ 20-60VDC Contactor
More results

Similar Description - AF8958CSLA

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4536C ANALOGPOWER-AM4536C Datasheet
90Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
P & N-Channel 30-V (D-S) MOSFET
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
P & N-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
P & N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com