Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5542ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5542ACPZ-R7
Description  RF/IF Gain Block
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5542ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5542ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ADL5542
Data Sheet
OPERATING TO 20 MHz
VPOS = 5 V and TA = 25°C, unless otherwise noted. C1 = 0.1 µF, C2 = 0.1 µF, L1 = 1 µH.
0
5
10
15
20
25
30
35
40
45
20
40
60
80
100
120
140
FREQUENCY (MHz)
GAIN
P1dB
OIP3
NF
Figure 14. Gain, P1dB, OIP3, and Noise Figure vs. Frequency
20.0
20.2
20.4
20.6
20.8
21.0
21.2
21.4
21.6
21.8
20
40
60
80
100
120
140
FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 15. Gain vs. Frequency and Temperature
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
20
30
40
50
60
70
80
90
100 110 120 130 140
FREQUENCY (MHz)
S11
S12
S22
Figure 16. Input Return Loss (S11), Output Return Loss (S22), and
Reverse Isolation (S12) vs. Frequency
5
10
15
20
25
30
35
40
45
20
40
60
80
100
120
140
FREQUENCY (MHz)
OIP3 (+25°C)
OIP3 (+85°C)
OIP3 (–40°C)
P1dB (+25°C)
P1dB (+85°C)
P1dB (–40°C)
Figure 17. OIP3 and P1dB vs. Frequency and Temperature
20
22
24
26
28
30
32
34
36
38
40
–3
0
3
6
9
12
15
18
POUT (dBm)
100MHz
60MHz
140MHz
20MHz
Figure 18. OIP3 vs. Output Power (POUT) and Frequency
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
20
40
60
80
100
120
140
FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 19. Noise Figure vs. Frequency and Temperature
Rev. C | Page 10 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com